Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1631 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1631
Description  Interleaved, 2-Phase Power Factor Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1631 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1631_16 Datasheet HTML 4Page - ON Semiconductor NCP1631_16 Datasheet HTML 5Page - ON Semiconductor NCP1631_16 Datasheet HTML 6Page - ON Semiconductor NCP1631_16 Datasheet HTML 7Page - ON Semiconductor NCP1631_16 Datasheet HTML 8Page - ON Semiconductor NCP1631_16 Datasheet HTML 9Page - ON Semiconductor NCP1631_16 Datasheet HTML 10Page - ON Semiconductor NCP1631_16 Datasheet HTML 11Page - ON Semiconductor NCP1631_16 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NCP1631
www.onsemi.com
8
DRV1
VD D
Regul
Vcc
Ou tp u t
Buffer 1
Internal
TS D
OF F
UVLO
FB
Vcontrol
Rt
Vton
processing
circuitry
Vton
ZCD2
GND
DT
SHDN
OF F
OSC
Iref
+
Vovp = Vref
OVP
OFF
SHDN
Error Amplifier
Vref
0.955*Vref
Vout low
detect
FFOLD
Vcc
3V
5R
REF5V
BO
OVP
OFF
OVLflag1
All the RS latches are
RESET dom inant
Stup
ZCD1
Latch
Vr ef
12% Vr ef
UVP
BO_NOK
Vcc_OK
pfcOK
230
mA
VD D
Vref
pfcOK
OVLflag1
Lstup
4R
DT
DRV1
Fault
management
OC P
In−rush
Ics
CS
SK I P
( 0.6 V cl amp vo ltag e
i s acti vated)
UVP
In−rush
Vcc < Vcc(r eset)
Vcc(on)
Vcc(off)
OVP
DRV2
Ou tp u t
Buffer 2
Vcc
BO_NOK
Brown−out
50−ms delay
DRV2
L SHDN
OFF
SKIP
OC P
STOP
Vp wm2
STOP
Vp wm1
STOP
CLK1
CLK2
CLK1
CLK2
Vp wm1
Vp wm2
DRV1
DRV2
DRV1
DRV2
pfcOK
IRt_low
IRt_low
In−rush
In−rush
In−rush
BO_NOK
Vcc_OK
pfcOK
Figure 2. Functional Block Diagram
pfcOK/
REF5V
R
S
Q
VZCD1
VDMG1
VZCD2
VDMG2
VBO
Zero current
detection for
phase 1
Zero current
detection for
phase 2
VBOcomp
detection with
VBO
QZCD1
QZCD2
ICS > 210 mA
ICS > 14 mA
Current Sense Block
(Building of ICS
proportional to ICOIL)
S
R
Q
IFF
VZCD1
VZCD2
ICH
Oscillator block
with interleaving and
frequency foldback
S
R
Q
Lpwm1
S
Q
R
Lpwm2
Thermal
Shutdown
±20 mA
IFF
VREGUL
IRt < 7 mA
VBOcomp
Generation of the oscillator
charge current IFF as a
function of VREGUL
(frequency fold−back)
Generation of the charge
current for the internal
timing capacitors (max
on−time setting for the
two phases)
On−time control
for the two
phases


Similar Part No. - NCP1631_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
More results

Similar Description - NCP1631_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1632 ONSEMI-NCP1632 Datasheet
392Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
July, 2017 ??Rev. 0
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1632 ONSEMI-NCP1632_18 Datasheet
301Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
January, 2018 ??Rev. 3
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Fairchild Semiconductor
FPAM50LH60 FAIRCHILD-FPAM50LH60 Datasheet
1Mb / 11P
   Smart Power Module for 2-phase Interleaved PFC
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com