Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1631DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1631DR2G
Description  Interleaved, 2-Phase Power Factor Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1631DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1631DR2G Datasheet HTML 1Page - ON Semiconductor NCP1631DR2G Datasheet HTML 2Page - ON Semiconductor NCP1631DR2G Datasheet HTML 3Page - ON Semiconductor NCP1631DR2G Datasheet HTML 4Page - ON Semiconductor NCP1631DR2G Datasheet HTML 5Page - ON Semiconductor NCP1631DR2G Datasheet HTML 6Page - ON Semiconductor NCP1631DR2G Datasheet HTML 7Page - ON Semiconductor NCP1631DR2G Datasheet HTML 8Page - ON Semiconductor NCP1631DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCP1631
www.onsemi.com
4
Table 2. TYPICAL ELECTRICAL CHARACTERISTICS TABLE (Conditions: VCC = 15 V, Vpin7 = 2 V, Vpin10 = 0 V; for typical
values TJ = 25°C, for min/max values TJ = −55°C to +125°C, unless otherwise specified) (Note 6)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Conditions
GATE DRIVE
Drive Current Capability (Note 5)
DRV1 Sink
DRV1 Source
DRV2 Sink
DRV2 Source
VDRV1 = 10 V
VDRV1 = 0 V
VDRV2 = 10 V
VDRV2 = 0 V
ISNK1
ISRC1
ISNK1
ISRC1
800
500
800
500
mA
Rise Time
DRV1
DRV2
CDRV1 = 1 nF, VDRV1 = 1 to 10 V
CDRV2 = 1 nF, VDRV2 = 1 to 10 V
tr1
tr2
40
40
ns
Fall Time
DRV1
DRV2
CDRV1 = 1 nF, VDRV1 = 10 to 1 V
CDRV2 = 1 nF, VDRV2 = 10 to 1 V
tf1
tf2
20
20
ns
REGULATION BLOCK
Feedback Voltage Reference
VREF
2.44
2.500
2.56
V
Error Amplifier Source Current Capability
@ Vpin2 = 2.4 V
IEA(SRC)
−20
mA
Error Amplifier Sink Current Capability
@ Vpin2 = 2.6 V
IEA(SNK)
+20
Error Amplifier Gain
GEA
110
200
290
mS
Pin 5 Source Current when (Vout(low)
Detect) is activated
TJ = −40°C to 125°C
TJ = −55°C to +125°C (Note 6)
IControl(boost)
184
178
230
230
276
276
mA
mA
Pin2 Bias Current
Vpin2 = 2.5 V
IFB(bias)
−500
500
nA
Pin 5 Voltage:
@ Vpin2 = 2.4 V
@ Vpin2 = 2.6 V
VControl(clamp)
VControl(MIN)
VControl(range)
3.0
0
2.7
3.6
0.6
3
4.2
1.2
3.3
V
Internal VREGUL Voltage
(measured on pin 6):
@ Vpin2 = 2.6 V, Ipin6 = 90 mA
@ Vpin2 = 2.4 V, Ipin6 = 90 mA
VREGUL(MIN)
VREGUL(Clamp)
1.66
0.1
V
Ratio (Vout(low) Detect Threshold / VREF)
(Note 5)
FB falling
Vout(low)/VREF
95.0
95.5
96.0
%
Ratio (Vout(low) Detect Hysteresis /
VREF) (Note 5)
FB rising
Hout(low)/VREF
0.5
%
SKIP MODE
Duty Cycle
Vpin2 = 3 V
DMIN
0
%
RAMP CONTROL (valid for the two phases)
Maximum DRV1 and DRV2 On−Time
(FB pin grounded)
TJ = −25°C to +125°C
Vpin7 = 1.1 V, Ipin3 = 50 mA
Vpin7 = 1.1 V, Ipin3 = 200 mA (Note 5)
Vpin7 = 2.2 V, Ipin3 = 100 mA (Note 5)
Vpin7 = 2.2 V, Ipin3 = 400 mA (Note 5)
ton1
ton2
ton3
ton4
14.5
1.10
4.00
0.35
19.5
1.35
5.00
0.41
22.5
1.60
6.00
0.48
ms
Maximum DRV1 and DRV2 On−Time
(FB pin grounded)
TJ = −40°C to +125°C
Vpin7 = 1.1 V, Ipin3 = 50 mA
Vpin7 = 1.1 V, Ipin3 = 200 mA (Note 5)
Vpin7 = 2.2 V, Ipin3 = 100 mA (Note 5)
Vpin7 = 2.2 V, Ipin3 = 400 mA (Note 5)
ton1
ton2
ton3
ton4
14.0
1.05
3.84
0.33
19.5
1.35
5.00
0.41
22.5
1.60
6.00
0.48
ms
Maximum DRV1 and DRV2 On−Time
(FB pin grounded)
TJ = −55°C to +125°C
Vpin7 = 1.1 V, Ipin3 = 50 mA (Note 6)
Vpin7 = 1.1 V, Ipin3 = 200 mA (Note 5)
Vpin7 = 2.2 V, Ipin3 = 100 mA (Note 5)
Vpin7 = 2.2 V, Ipin3 = 400 mA (Note 5)
ton1
ton2
ton3
ton4
13.0
1.00
3.70
0.32
19.5
1.35
5.00
0.41
22.5
1.60
6.00
0.48
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. DRV1 and DRV2 pulsating at half this frequency, that is, 65 kHz.
5. Not tested. Guaranteed by design and characterization.
6. For coldest temperature, QA sampling at −40
°C in production and −55°C specification is Guaranteed by Characterization.


Similar Part No. - NCP1631DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631DR2G ONSEMI-NCP1631DR2G Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
More results

Similar Description - NCP1631DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631_10 Datasheet
605Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
April, 2010 ??Rev. 2
NCP1632 ONSEMI-NCP1632 Datasheet
392Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
July, 2017 ??Rev. 0
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1632 ONSEMI-NCP1632_18 Datasheet
301Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
January, 2018 ??Rev. 3
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Fairchild Semiconductor
FPAM50LH60 FAIRCHILD-FPAM50LH60 Datasheet
1Mb / 11P
   Smart Power Module for 2-phase Interleaved PFC
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com