Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4682DMU15TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4682DMU15TCG
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4682DMU15TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4682DMU15TCG Datasheet HTML 5Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 6Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 7Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 8Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 9Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 10Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 11Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 12Page - ON Semiconductor NCP4682DMU15TCG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
NCP4682, NCP4685
http://onsemi.com
9
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
0.1
1
10
100
1000
Figure 27. PSRR, 1.2 V Version, VIN = 2.2 V
FREQUENCY (kHz)
IOUT = 1 mA
30 mA
150 mA
0
10
20
30
40
50
60
0.1
1
10
100
1000
Figure 28. PSRR, 2.5 V Version, VIN = 3.5 V
FREQUENCY (kHz)
IOUT = 1 mA
30 mA
150 mA
0
10
20
30
40
50
60
0.1
1
10
100
1000
Figure 29. PSRR, 2.8 V Version, VIN = 3.8 V
FREQUENCY (kHz)
IOUT = 1 mA
30 mA
150 mA
10
20
30
40
50
60
0.1
1
10
100
1000
0
IOUT = 1 mA
30 mA
150 mA
Figure 30. PSRR, 3.3 V Version, VIN = 4.3 V
FREQUENCY (kHz)
Figure 31. Output Voltage Noise, 1.2 V Version,
VIN = 2.2 V, IOUT =30 mA
0
0.5
1.0
1.5
2.0
2.5
3.0
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
Figure 32. Output Voltage Noise, 2.5 V Version,
VIN = 3.5 V, IOUT =30 mA
0
0.5
1.0
1.5
2.0
2.5
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)


Similar Part No. - NCP4682DMU15TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682DMU15TCG ONSEMI-NCP4682DMU15TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4682DMU15TCG ONSEMI-NCP4682DMU15TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682DMU15TCG ONSEMI-NCP4682DMU15TCG Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
More results

Similar Description - NCP4682DMU15TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com