Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP51460 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP51460
Description  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51460 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP51460_16 Datasheet HTML 1Page - ON Semiconductor NCP51460_16 Datasheet HTML 2Page - ON Semiconductor NCP51460_16 Datasheet HTML 3Page - ON Semiconductor NCP51460_16 Datasheet HTML 4Page - ON Semiconductor NCP51460_16 Datasheet HTML 5Page - ON Semiconductor NCP51460_16 Datasheet HTML 6Page - ON Semiconductor NCP51460_16 Datasheet HTML 7Page - ON Semiconductor NCP51460_16 Datasheet HTML 8Page - ON Semiconductor NCP51460_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 0
1
Publication Order Number:
NCP51460/D
NCP51460
20mA Micropower
Precision Voltage
Reference
The NCP51460 is a high performance, low power precision voltage
reference. This device combines very high accuracy, low power
dissipation and small package size. It can supply output current up to
20 mA at a 3.3 V fixed output voltage with excellent line and load
regulation characteristics making it ideal for precision regulator
applications. It is designed to be stable with or without an output
capacitor. The protective features include Short Circuit and Reverse
Input Voltage Protection. The NCP51460 is packaged in a 3−lead
surface mount SOT−23 package.
Features
Fixed Output Voltage 3.3 V
VOUT Accuracy 1% over 0 to +100°C
Wide Input Voltage Range up to 28 V
Low Quiescent Current
Low Noise
Reverse Input Voltage Protection
Stable Without an Output Capacitor
Available in 3 leads SOT−23 Package
Pb−Free Package is Available
Typical Applications
Handheld Instruments
Precision Regulators
Data Acquisition Systems
High Accuracy Micropower Supplies
NCP51460
GND
3.3 V
Figure 1. Typical Application Schematics
VOUT
VOUT
VIN
(3.3 V fixed)
CIN
0.1 mF
VIN = 4.2 to 28 V
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
SOT−23
SN1 SUFFIX
CASE 318
MARKING DIAGRAM
AND PIN ASSIGNMENT
http://onsemi.com
1
46AMG
G
46A
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
GND
VIN
VOUT
2
3
(Top View)


Similar Part No. - NCP51460_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51460 ONSEMI-NCP51460_1 Datasheet
444Kb / 11P
   20mA Micropower Precision Voltage Reference
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com