Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6711BGFN100 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C6711BGFN100
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711BGFN100 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C6711BGFN100 Datasheet HTML 1Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 2Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 3Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 4Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 5Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 6Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 7Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 8Page - Texas Instruments TMS320C6711BGFN100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320C67x DSPs (including the TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
devices) compose the floating-point DSP family in the TMS320C6000 DSP platform. The C6711, C6711B,
C6711C, and C6711D devices are based on the high-performance, advanced very-long-instruction-word
(VLIW) architecture developed by Texas Instruments (TI), making these DSPs an excellent choice for
multichannel and multifunction applications.
With performance of up to 900 million floating-point operations per second (MFLOPS) at a clock rate of
150 MHz, the C6711/C6711B device offers cost-effective solutions to high-performance DSP programming
challenges. The C6711/C6711B DSP possesses the operational flexibility of high-speed controllers and the
numerical capability of array processors. This processor has 32 general-purpose registers of 32-bit word length
and eight highly independent functional units. The eight functional units provide four floating-/fixed-point ALUs,
two fixed-point ALUs, and two floating-/fixed-point multipliers. The C6711/C6711B can produce two MACs per
cycle for a total of 300 MMACS.
With performance of up to 1200 million floating-point operations per second (MFLOPS) at a clock rate of
200 MHz or 1350 MFLOPS at a clock rate of 250 MHz (for 6711D), the C6711C/C6711D device also offers
cost-effective solutions to high-performance DSP programming challenges. The C6711C/C6711D DSP also
possesses the operational flexibility of high-speed controllers and the numerical capability of array processors.
This processor has 32 general-purpose registers of 32-bit word length and eight highly independent functional
units. The eight functional units provide four floating-/fixed-point ALUs, two fixed-point ALUs, and two
floating-/fixed-point multipliers. The C6711C/C6711D can produce two MACs per cycle for a total of 400
MMACS.
The C6711/C6711B/C6711C/C6711D DSPs also have application-specific hardware logic, on-chip memory,
and additional on-chip peripherals.
The C6711/C6711B/C6711C/C6711D uses a two-level cache-based architecture and has a powerful and
diverse set of peripherals. The Level 1 program cache (L1P) is a 32-Kbit direct mapped cache and the Level
1 data cache (L1D) is a 32-Kbit 2-way set-associative cache. The Level 2 memory/cache (L2) consists of a
512-Kbit memory space that is shared between program and data space. L2 memory can be configured as
mapped memory, cache, or combinations of the two. The peripheral set includes two multichannel buffered
serial ports (McBSPs), two general-purpose timers, a host-port interface (HPI), and a glueless external memory
interface (EMIF) capable of interfacing to SDRAM, SBSRAM and asynchronous peripherals.
The C6711/C6711B/C6711C/C6711D has a complete set of development tools which includes: a new C
compiler, an assembly optimizer to simplify programming and scheduling, and a Windows debugger interface
for visibility into source code execution.
TMS320C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.
Throughout the remainder of this document, the TMS320C6711, TMS320C6711B, TMS320C6711C, and TMS320C6711D shall be referred
to as TMS320C67x or C67x where generic, and where specific, their individual full device part numbers will be used or abbreviated as C6711,
C6711B, C6711C, C6711D, 11, 11B, 11C, or 11D, etc.


Similar Part No. - TMS320C6711BGFN100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6711BGFN100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com