Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP717CMX320TCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP717CMX320TCG
Description  Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP717CMX320TCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP717CMX320TCG Datasheet HTML 6Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 7Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 8Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 9Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 10Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 11Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 12Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 13Page - ON Semiconductor NCP717CMX320TCG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP717
www.onsemi.com
10
Figure 36. Line Regulation vs. Temperature
VOUT = 3.3 V
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Line Regulation from VIN = 3.8 V to 5.5 V
CIN = COUT = 1 mF
VIN = 3.8 V to 5.5 V
VOUT(NOM) = 3.3 V
IOUT = 10 mA
Figure 37. Load Regulation vs. Temperature
VOUT = 1.2 V
JUNCTION TEMPERATURE (
°C)
10.0
−40
−20
0
140
120
100
20
40
60
80
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Load Regulation from IOUT = 1 mA to 300 mA
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.2 V
Figure 38. Load Regulation vs. Temperature
VOUT = 1.5 V
Figure 39. Load Regulation vs. Temperature
VOUT = 1.8 V
JUNCTION TEMPERATURE (
°C)
5.0
Load Regulation from IOUT = 1 mA to 300 mA
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.5 V
−40
−20
0
140
120
100
20
40
60
80
JUNCTION TEMPERATURE (
°C)
Load Regulation from IOUT = 1 mA to 300 mA
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.8 V
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
−40
−20
0
140
120
100
20
40
60
80
Figure 40. Load Regulation vs. Temperature
VOUT = 2.85 V
Figure 41. Ground Current vs Output Current
JUNCTION TEMPERATURE (
°C)
5.0
Load Regulation from IOUT = 1 mA to 300 mA
CIN = COUT = 1 mF
VIN = 3.35 V
VOUT(NOM) = 1.5 V
−40
−20
0
140
120
100
20
40
60
80
OUTPUT CURRENT (mA)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
200
TA = 125°C
CIN = COUT = 1 mF
VIN = VOUT(NOM) + 0.5 V
TA = 25°C
TA = −40°C
180
160
140
120
100
80
60
40
20
0
01
2
10
9
8
3
456
7


Similar Part No. - NCP717CMX320TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP717CMX320TCG ONSEMI-NCP717CMX320TCG Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
More results

Similar Description - NCP717CMX320TCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D_15 Datasheet
134Kb / 3P
   REGULATOR
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
   REGULATOR
logo
Vicor Corporation
P036F048T12AL VICOR-P036F048T12AL_12 Datasheet
1Mb / 14P
   Regulator
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
   Regulator
logo
List of Unclassifed Man...
STR212 ETC-STR212 Datasheet
202Kb / 3P
   REGULATOR
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com