Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2145IPWP Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 5 Page - Texas Instruments

  TPS2145IPWP Datasheet HTML 1Page - Texas Instruments TPS2145IPWP Datasheet HTML 2Page - Texas Instruments TPS2145IPWP Datasheet HTML 3Page - Texas Instruments TPS2145IPWP Datasheet HTML 4Page - Texas Instruments TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TPS2149
TPS2159
SLVS401 – AUGUST 2001
5
www.ti.com
electrical characteristics over recommended operating junction-temperature range,
2.9 V
≤ VI(VIN) ≤ 5.5 V, VI(ENx) = 0 V, TJ = –40°C to 100°C (unless otherwise noted)
enable input, ENx (active low)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pullup (source)
VI(ENx) = 0 V
5
µA
enable input, ENx (active high)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
II
Input current, pulldown (sink)
VI(ENx) = 5 V
5
µA
logic output, OC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current sinking at VO = 0.4 V
1
mA
thermal shutdown characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
First thermal shutdown (shuts down switch or regulator
in overcurrent)
Occurs at or above specified temperature
when overcurrent is present.
120
Recovery from thermal shutdown
110
°C
Second thermal shutdown (shuts down all switches and
regulator)
Occurs on rising temperature, irrespective of
overcurrent.
155
°C
Second thermal shutdown hysteresis
10


Similar Part No. - TPS2145IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145IPWP TI-TPS2145IPWP Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2145IPWP TI-TPS2145IPWP Datasheet
570Kb / 29P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWP TI-TPS2145IPWP Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWPG4 TI-TPS2145IPWPG4 Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWPR TI-TPS2145IPWPR Datasheet
1Mb / 34P
[Old version datasheet]   LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
More results

Similar Description - TPS2145IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
[Old version datasheet]   3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
   Self- and Bus- Powered USB Hub Controller
logo
Texas Instruments
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
   Bus-Powered USB Digitizers
logo
Texas Instruments
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com