Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6000 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C6000
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6000 Datasheet HTML 6Page - Texas Instruments TMS320C6000 Datasheet HTML 7Page - Texas Instruments TMS320C6000 Datasheet HTML 8Page - Texas Instruments TMS320C6000 Datasheet HTML 9Page - Texas Instruments TMS320C6000 Datasheet HTML 10Page - Texas Instruments TMS320C6000 Datasheet HTML 11Page - Texas Instruments TMS320C6000 Datasheet HTML 12Page - Texas Instruments TMS320C6000 Datasheet HTML 13Page - Texas Instruments TMS320C6000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map summary
Table 2 shows the memory map address ranges of the C6711/C6711B/C6711C/C6711D devices. Internal
memory is always located at address 0 and can be used as both program and data memory. The
C6711/C6711B/C6711C/C6711D configuration registers for the common peripherals are located at the same
hex address ranges. The external memory address ranges in the C6711/C6711B/C6711C/C6711D devices
begin at the address location 0x8000 0000.
Table 2. TMS320C6711/C6711B/C6711C/C6711D Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Internal RAM (L2)
64K
0000 0000 – 0000 FFFF
Reserved
24M – 64K
0001 0000 – 017F FFFF
External Memory Interface (EMIF) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
HPI Registers
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
512
019C 0000 – 019C 01FF
Device Configuration Registers [C6711C/C6711D only]
4
019C 0200 – 019C 0203
Reserved
256K − 516
019C 0204 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
Reserved
768K
01A4 0000 – 01AF FFFF
GPIO Registers [C6711C/C6711D only]
16K
01B0 0000 – 01B0 3FFF
Reserved
480K
01B0 4000 – 01B7 BFFF
PLL Controller Registers [C6711C/C6711D only]
8K
01B7 C000 – 01B7 DFFF
Reserved
4M + 520K
01B7 E000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
736M – 52
0200 0034 – 2FFF FFFF
McBSP 0 Data/Peripheral Data Bus
64M
3000 0000 – 33FF FFFF
McBSP 1 Data/Peripheral Data Bus
64M
3400 0000 – 37FF FFFF
Reserved
64M
3800 0000 – 3BFF FFFF
Reserved
1G + 64M
3C00 0000 – 7FFF FFFF
EMIF CE0
256M
8000 0000 – 8FFF FFFF
EMIF CE1
256M
9000 0000 – 9FFF FFFF
EMIF CE2
256M
A000 0000 – AFFF FFFF
EMIF CE3
256M
B000 0000 – BFFF FFFF
Reserved
1G
C000 0000 – FFFF FFFF
The number of EMIF address pins (EA[21:2]) limits the maximum addressable memory (SDRAM) to 128MB per CE space. To get 256MB of
addressable memory, additional general-purpose output pin or external logic is required.


Similar Part No. - TMS320C6000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6000 TI-TMS320C6000 Datasheet
1Mb / 126P
[Old version datasheet]   Code Composer Studio Tutorial
logo
List of Unclassifed Man...
TMS320C6000 ETC2-TMS320C6000 Datasheet
3Mb / 45P
   Interface with synchronous dynamic memories
logo
Texas Instruments
TMS320C6000GDP167 TI-TMS320C6000GDP167 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6000GDP200 TI-TMS320C6000GDP200 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6000GDP225 TI-TMS320C6000GDP225 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C6000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com