Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8S28 Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SM8S28
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SM8S28 Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  SM8S28 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SM8S28 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SM8S28 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
Power Derating Curve
0
2.0
4.0
6.0
8.0
0
50
100
150
200
Pulse Width (ms) – 1/2 IPP Exponential Waveform
1,000
10,000
10
100
Case Temperature (°C)
0
50
100
150
0
10
20
30
40
Time, ms (t)
Pulse Waveform
Reverse Power Capability
TA = 25°C
Pulse width (td) is defined as
the point where the peak
current decays to 50% of IPP
td
tr = 10µs
Peak Value IPP
Half Value –
IPP
2
Load Dump Power Characteristics
(10ms Exponential Waveform)
0
2,000
1,000
3,000
4,000
5,000
6,000
25
50
75
100
125
150
175
Case Temperature (°C)
0.01
110
100
10
1
100
0.01
0.1
t – Pulse Width (sec.)
0.1
RΘJA
RΘJC
Typical Transient Thermal Impedance
www.shunyegroup.com.cn


Similar Part No. - SM8S28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S28 SUNMATE-SM8S28 Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Semitech Semic...
SM8S28 SEMITECH-SM8S28 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S28 VISHAY-SM8S28 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

Similar Description - SM8S28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com