Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC3643 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC3643
Description  Built-in OVP White LED Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC3643 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC3643 Datasheet HTML 5Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 6Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 7Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 8Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 9Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 10Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 11Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 12Page - Analog Intergrations Corporation AIC3643 Datasheet HTML 13Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AIC3643
9
ranging from 0V to 5V, the selection of resistors in
Figure 16 results in dimming control of LED
current from 20mA to 0mA, respectively.
3. Using a Filtered PWM Signal
Filtered PWM signal can be considered as an
adjustable DC voltage. It can be used to replace
the variable DC voltage source in dimming
control. The circuit is shown in Figure 17.
Layout Consideration
In order to ensure a proper operation of AIC3643,
the
following
points
should
be
managed
comprehensively.
1. The input capacitor and VIN should be placed
as close as possible to each other to reduce
the input ripple voltage.
2. The output loop, which is consisted of the
inductor,
the
internal
power
switch,
the
Schottky diode and the output capacitor,
should be kept as small as possible.
3. The routes with large current should be kept
short and wide.
4. Logically the large current on the converter
should flow at the same direction.
5. The FB pin should be connected to the
feedback resistors directly and the route
should be away from the noise sources.
L
6.8
μH
D1
SW
VIN
OVP
SHDN
FB
GND
AIC3643
VIN
RFB
5
Ω
C1
1
μF
C2
3.3
μF
PWM
SS0540
Fig. 14 Dimming Control with a PWM Signal
L
6.8
μ
D1
SS0540
SW
VIN
OVP
SHDN
FB
GND
AIC3643
VIN
RFB
5
Ω
C1
1
μF
C2
3.3
μF
PWM
R2
49K
R1
1K
Fig. 15 Dimming Control Using a PWM Signal


Similar Part No. - AIC3643

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3412 AIC-AIC3412 Datasheet
394Kb / 9P
   Low IQ High Light Load Efficiency
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
AIC3417 AIC-AIC3417 Datasheet
623Kb / 13P
   1.0A Synchronous Step-Up Converter
AIC3842 AIC-AIC3842 Datasheet
114Kb / 7P
   Current-Mode PWM Controller
More results

Similar Description - AIC3643

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
logo
Analog Intergrations Co...
AIC1648 AIC-AIC1648 Datasheet
375Kb / 10P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937 Datasheet
827Kb / 13P
   Built-in OVP White LED Step-up Converter
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com