Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC6191 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC6191
Description  Single Channel Bare-Bone USB Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC6191 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  AIC6191 Datasheet HTML 1Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 2Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 3Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 4Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 5Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 6Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 7Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 8Page - Analog Intergrations Corporation AIC6191 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AIC6191
7
BLOCK DIAGRAM
PIN DESCRIPTIONS
PIN1 VIN:
Power supply input.
PIN2 VOUT: MOSFET switch output.
PIN3 GND:
Chip power ground.


Similar Part No. - AIC6191

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
   Single Channel Bare-Bone USB Switch
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
   Dual Channel Bare-Bone USB Switch
AIC6198 AIC-AIC6198 Datasheet
186Kb / 8P
   Dual Channel Bare-Bone USB Switch
More results

Similar Description - AIC6191

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC6193 AIC-AIC6193 Datasheet
180Kb / 8P
   Single Channel Bare-Bone USB Switch
AIC6198 AIC-AIC6198 Datasheet
186Kb / 8P
   Dual Channel Bare-Bone USB Switch
AIC6196 AIC-AIC6196 Datasheet
221Kb / 9P
   Dual Channel Bare-Bone USB Switch
logo
BOSER Technology Co., L...
BBS-2520 BOSER-BBS-2520_1 Datasheet
630Kb / 30P
   Small Box Bare Bone System
BBS-2003 BOSER-BBS-2003_1 Datasheet
427Kb / 16P
   2U High, Small Box Bare Bone System
BBS-2002 BOSER-BBS-2002 Datasheet
420Kb / 16P
   1U High, Small Box Bare Bone System
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
   Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com