Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN002 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AN002
Description  Portable Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN002 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AN002 Datasheet HTML 1Page - Analog Intergrations Corporation AN002 Datasheet HTML 2Page - Analog Intergrations Corporation AN002 Datasheet HTML 3Page - Analog Intergrations Corporation AN002 Datasheet HTML 4Page - Analog Intergrations Corporation AN002 Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AN002
May 1997
1
Two-Cell, Step-Up Converter Design for
Portable Applications
Introduction
In recent years, the markets for portable electrical
devices, such as the electronic dictionary, palmtop
computers, notebook PCs, PDAs and cellular
phones has grown rapidly. All of these devices use
batteries as the source of power. Due to their
limitations of small size and light weight and due to
increasingly stringent environmental requirements
in product development, the use of small numbers,
small size, long-lasting batteries has become a
trend.
The AIC1630/1631/1633 are very suitable for the
application of using 2~4 batteries. This article will
focus on the application of AIC1631-5 for 2
batteries in the following description.
A set of two alkaline, NiMH, or NiCd battery cells
accompanied by a switching converter with 3V,
3.3V, or 5V output voltage is frequently used as
the power supply source for portable electronic
products. Using two battery cells is usually a result
of
compromise
between
size
and
battery
operating life. Besides the batteries’ own stored
energy, two other factors also influence batteries’
operating life: the product’s power consumption
and conversion efficiency of the converter. In
order
to
choose
the
appropriate
switching
converter for an electronic product, therefore, 5
key factors need to be considered:
(1) The current capacity and regulation of the
output should meet the product’s demands.
(2) High conversion efficiency.
(3) Low power consumption.
(4) Squeeze out as much of the battery energy
as possible.
(5) Small size and light weight.
The first factor is absolutely necessary, and the
importance of the other four differs in priority
depending on the character of the product. For
products, which operate relatively high current
for extended time periods, conversion efficiency
is paramount. For products operate with low
current for most of the time, the current
consumption of the converter itself must also be
low. With regards to size and weight, an 8-pin IC,
which does not need a heatsink, with a small
inductor, and minimum number of external parts,
would be an ideal choice. In the following, we use
the AIC1631 DC/DC converter as an example for
several different special products using two
battery cells to demonstrate how the AIC1631
can be used to make an ideal power source.
(+5V)
+VOUT
+VIN
1N5819
CGND
LBO
LBI
VOUT
SGND
SW
VIN
ILIM/SD
+
100
µF
C3
D1
47
µH*
*Sumida RCH-108
+
100
µF
C1
+
1K
R1
33K
R2
10
µF
C2
VIN
AIC1631-5
Fig. 1
A High-Efficiency 2-Cell to 5V Converter


Similar Part No. - AN002

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
AN0024 UMS-AN0024 Datasheet
832Kb / 14P
   Application Note for Surface Mount Hermetic Package
logo
Alpha Industries
AN002M2-29 ALPHA-AN002M2-29 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AN002M4-05 ALPHA-AN002M4-05 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AN002M4-31 ALPHA-AN002M4-31 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

Similar Description - AN002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
248Kb / 7P
   Portable Equipment Applications
logo
Texas Instruments
BQ26231 TI1-BQ26231_15 Datasheet
1Mb / 23P
[Old version datasheet]   EMBEDDED PORTABLE APPLICATIONS
logo
Toshiba Semiconductor
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
   Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
   Notebook PC Applications Portable Equipment Applications
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Toshiba Semiconductor
TPC6005 TOSHIBA-TPC6005_07 Datasheet
260Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com