Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN004 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AN004
Description  Using AIC1563
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN004 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AN004 Datasheet HTML 1Page - Analog Intergrations Corporation AN004 Datasheet HTML 2Page - Analog Intergrations Corporation AN004 Datasheet HTML 3Page - Analog Intergrations Corporation AN004 Datasheet HTML 4Page - Analog Intergrations Corporation AN004 Datasheet HTML 5Page - Analog Intergrations Corporation AN004 Datasheet HTML 6Page - Analog Intergrations Corporation AN004 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AN004
May 1997
1
Universal Step-Down DC/DC Converter Design
Using AIC1563
Abstract
Voltage required in the modern electronic systems
are single or multiple regulated voltages such as
3.3 V, 5V, 12V, -5V, or –12V, etc. It can be supplied
by using DC/DC converters. The operations of
Step-Down DC/DC converter is introduced in the
application note. A practical constant voltage,
DC/DC step-down converter design based on the
AIC1563 is also illustrated to help the readers in
the circuit designs and applications.
Operations of Step-Down DC/DC
Converter
Figure 1 shows a basic circuit configuration of
step-down DC/DC Converter.
VIN
VOUT
IOUT
CONTROL
CIRCUIT
SW
LOAD
VG
C
+
D
+
-
VL
L
Fig. 1 Step-Down DC/DC Converter
The voltage and current waveforms in the circuit
are shown in Fig. 2. The control circuit is used to
detect the output voltage level and generates a
driving signal to turn on or turn off on the power
switch (SW). The power switch can be controlled
by using different methods, such as pulse width
modulation (PWM), pulse frequency modulation
(PFM), or pulse skipping modulation (PSM),
depends on the applications. As for the output
voltage stability, it is maintained by controlling the
duty cycle without losing energy. This may be
illustrated by examining the energy stored in the
inductor.
Driving signal on SW
VG
t
SW current
ISW
t
Inductor current
IL
t
Output voltage
VOUT
t
Fig. 2 Voltage and Current Waveforms of
Converter
The input electric energy is delivered to the load
and partially stored in an inductor during the power
switch turned on. The stored energy will be also
transferred to the load through a free-wheel diode


Similar Part No. - AN004

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0001 RFMD-AN0001 Datasheet
119Kb / 6P
   Optimization of Quadrature Modulator Performance
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
   A Quick Guide to Tank Circuits
AN0005 RFMD-AN0005 Datasheet
25Kb / 2P
   Converting Field Strength to Power
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
More results

Similar Description - AN004

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN024 AIC-AN024 Datasheet
285Kb / 7P
   For LCD Motherboard Power Supply Using AIC1563
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
AN007 AIC-AN007 Datasheet
226Kb / 11P
   Using AIC1578
AN003 AIC-AN003 Datasheet
58Kb / 3P
   Using AIC1650
logo
Fairchild Semiconductor
AN-5026 FAIRCHILD-AN-5026 Datasheet
722Kb / 8P
   Using BGA Packages
logo
STMicroelectronics
AN2025 STMICROELECTRONICS-AN2025 Datasheet
154Kb / 11P
   Converter Improvement Using
logo
Analog Intergrations Co...
AN014 AIC-AN014 Datasheet
98Kb / 6P
   Implement 3.3Vdual using AIC1730
logo
Power Integrations, Inc...
DER-56 POWERINT-DER-56 Datasheet
694Kb / 24P
   4.8W Charger using LNK520P
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
logo
Mitsubishi Electric Sem...
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com