Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN007 Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AN007
Description  Using AIC1578
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN007 Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AN007 Datasheet HTML 3Page - Analog Intergrations Corporation AN007 Datasheet HTML 4Page - Analog Intergrations Corporation AN007 Datasheet HTML 5Page - Analog Intergrations Corporation AN007 Datasheet HTML 6Page - Analog Intergrations Corporation AN007 Datasheet HTML 7Page - Analog Intergrations Corporation AN007 Datasheet HTML 8Page - Analog Intergrations Corporation AN007 Datasheet HTML 9Page - Analog Intergrations Corporation AN007 Datasheet HTML 10Page - Analog Intergrations Corporation AN007 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AN007
7
The bulk filter capacitor values are generally
determined by the ESR(effective series resistance)
and ESL (effective series inductance) parameters
rather than actual capacitance. High frequency
decoupling capacitors
Should be placed as close to the power pins of the
load as physically possible. Be careful not to add
inductance in the circuit board wiring that could
cancel the usefulness of these low inductance
component,
use
only
specialized
low-ESR
capacitors
intended
for
switching
regulator
applications for the bulk capacitors. The bulk
capacitor’s ESR determines the output ripple
voltage and the initial voltage drop after a high
slew-rate
transient.
An
aluminum
electrolytic
capacitor’s ESR value is related to the case size
with lower ESR available in larger case sizes.
(4) PWM Output Inductor Selection
The output inductor is selected to meet the output
voltage
ripple
requirements
and
sets
the
converter’s response time to a load transient. The
inductor value determines the converter’s ripple
current and the ripple voltage is a function of the
ripple current. The ripple voltage and current are
approximate by the following equation :
ΔI=
O
S
OUT
IN
L
F
V
V
×
IN
OUT
V
V
, ΔVOUT=ΔI ×ESR
Increasing the value of inductance reduces the
ripple current and converter’s response time to a
load transient.
1. Efficiency Test:
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Output
Load
Efficiency
10V
290 mA
5.06V
503mA
500mA
87.8 %
10V
570 mA
5.06V
1003 mA
1A
89.0 %
10V
1149 mA
5.05V
2001 mA
2A
87.9 %
10V
1754 mA
5.05V
3001 mA
3A
86.4 %
12V
252 mA
5.06V
503mA
500mA
84.2 %
12V
489 mA
5.06V
1003 mA
1A
86.5 %
12V
979 mA
5.05V
2001 mA
2A
86.1 %
12V
1491 mA
5.06V
3001 mA
3A
84.9 %
14V
217 mA
5.09V
503mA
500mA
84.3 %
14V
419 mA
5.09V
1003 mA
1A
87.0 %
14V
836 mA
5.08V
2001 mA
2A
86.9%
14V
1271 mA
5.07V
3001 mA
3A
85.5 %


Similar Part No. - AN007

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0001 RFMD-AN0001 Datasheet
119Kb / 6P
   Optimization of Quadrature Modulator Performance
AN0003 RFMD-AN0003 Datasheet
34Kb / 4P
   A Quick Guide to Tank Circuits
AN0005 RFMD-AN0005 Datasheet
25Kb / 2P
   Converting Field Strength to Power
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
More results

Similar Description - AN007

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN004 AIC-AN004 Datasheet
110Kb / 7P
   Using AIC1563
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
AN003 AIC-AN003 Datasheet
58Kb / 3P
   Using AIC1650
logo
Fairchild Semiconductor
AN-5026 FAIRCHILD-AN-5026 Datasheet
722Kb / 8P
   Using BGA Packages
logo
STMicroelectronics
AN2025 STMICROELECTRONICS-AN2025 Datasheet
154Kb / 11P
   Converter Improvement Using
logo
Analog Intergrations Co...
AN014 AIC-AN014 Datasheet
98Kb / 6P
   Implement 3.3Vdual using AIC1730
logo
Power Integrations, Inc...
DER-56 POWERINT-DER-56 Datasheet
694Kb / 24P
   4.8W Charger using LNK520P
DER-95 POWERINT-DER-95 Datasheet
1Mb / 22P
   30W Adapter using TOP245Y
logo
Mitsubishi Electric Sem...
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
logo
List of Unclassifed Man...
RS232 ETC-RS232 Datasheet
7Kb / 1P
   RS232 Interface using MAX232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com