Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

671-063-91 Datasheet(PDF) 1 Page - Marl International Limited

Part # 671-063-91
Description  PANEL INDICATOR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-063-91 Datasheet(HTML) 1 Page - Marl International Limited

  671-063-91 Datasheet HTML 1Page - Marl International Limited 671-063-91 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
671 HIGH VOLTAGE SERIES
PANEL INDICATOR LED
FEATURES
BENEFITS
• Ø25.4mmmounting
• Blackanodisedaluminiumhousing
• SealedtoIP67-weatherproof
• ColouredDiffusedlens
• Internalpotting
• Bi-polarcircuitry
• RangeofLEDcolouroptions
• Rangeofvoltageoptions
• Standardindustrialmountingsize
• Suitableforportableequipment
• Suitableforexternalapplications
• Diffusedlensgivesgoodviewingangle
• Suitableforhighvibrationapplications
• SuitableforACorDCoperation
• Suitableforstatuspanelindication
• Manufacturedwithinternalresistor
• Outstandingreliability
• Vandalresistant
MarlPart
Number
LEDColour
TypicalVoltage
AC/DCVopr
TypicalCurrent
Iopr
TypicalLED
Luminous
Intensity
TypicalLED
Wavelength
λp
Operating
Temp
Topr *
Storage
Temp
Tstg
671-064-23
Red
24-28
6-14
192-448
635
-40to+100
-40to+100
671-062-23
Yellow
24-28
6-14
242-518
601
-40to+110
-40to+110
671-065-23
Green
24-28
6-14
392-696
524
-40to+110
-40to+110
671-066-23
Blue
24-28
6-14
109-233
465
-40to+110
-40to+110
671-063-23
CoolWhite
24-28
6-14
525-1125
CCT:6500K
-40to+110
-40to+110
671-064-75
Red
110
12
384
635
-40to+100
-40to+100
671-062-75
Yellow
110
12
466
601
-40to+110
-40to+110
671-065-75
Green
110
12
609
524
-40to+110
-40to+110
671-066-75
Blue
110
12
209
465
-40to+110
-40to+110
671-063-75
CoolWhite
110
12
975
CCT:6500K
-40to+110
-40to+110
671-064-77
Red
125
12
384
635
-40to+100
-40to+100
671-062-77
Yellow
125
12
466
601
-40to+110
-40to+110
671-065-77
Green
125
12
609
524
-40to+110
-40to+110
671-066-77
Blue
125
12
209
465
-40to+110
-40to+110
671-063-77
CoolWhite
125
12
975
CCT:6500K
-40to+110
-40to+110
671-064-91
Red
230
7
192
635
-40to+100
-40to+100
671-062-91
Yellow
230
7
276
601
-40to+110
-40to+110
671-065-91
Green
230
7
435
524
-40to+110
-40to+110
671-066-91
Blue
230
7
124
465
-40to+110
-40to+110
671-063-91
CoolWhite
230
7
600
CCT:6500K
-40to+110
-40to+110
671-064-00-50
Red
277
7
192
635
-40to+100
-40to+100
671-062-00-50
Yellow
277
7
276
601
-40to+110
-40to+110
671-065-00-50
Green
277
7
435
524
-40to+110
-40to+110
671-066-00-50
Blue
277
7
124
465
-40to+110
-40to+110
671-063-00-50
CoolWhite
277
7
600
CCT:6500K
-40to+110
-40to+110
671-064-00-51
Red
440
5
160
635
-40to+100
-40to+100
671-062-00-51
Yellow
440
5
207
601
-40to+110
-40to+110
671-065-00-51
Green
440
5
348
524
-40to+110
-40to+110
671-066-00-51
Blue
440
5
93
465
-40to+110
-40to+110
671-063-00-51
CoolWhite
440
5
450
CCT:6500K
-40to+110
-40to+110
V
mA
mcd
nm
°C
°C
NOTES
Intensities(lv)andcolourshadesofwhitemayvarybetweenLEDswithinabatch. AdditionalLEDColours,VoltageOptionsandFlyingLeadlengthsavailableforsemi-customprojects.
PleasecontactourSalesTeam. AllLEDcomponentsaresuppliedinanti-staticpackaging.
*CharacteristicsatTa=25°C.Foroperatingtemperaturederatinggraphs,pleaserefertosheet2.
Toorderpleasecontactuson+44(0)1229582430
F+44(0)1229585155 | Esales@marl.co.uk | www.leds.co.uk
Q05480
DSN671HVVersionDS016/2016. Page1of2
marlleds marlinternationallimited company/marl-international-limited


Similar Part No. - 671-063-91

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-063-91-50 MARL-671-063-91-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
671-063-91-50 MARL-671-063-91-50 Datasheet
374Kb / 4P
   Large LED indication
More results

Similar Description - 671-063-91

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
677-501-21-53 MARL-677-501-21-53_16 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com