Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN013 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AN013
Description  Optimized external driver for AIC1639
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN013 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AN013 Datasheet HTML 1Page - Analog Intergrations Corporation AN013 Datasheet HTML 2Page - Analog Intergrations Corporation AN013 Datasheet HTML 3Page - Analog Intergrations Corporation AN013 Datasheet HTML 4Page - Analog Intergrations Corporation AN013 Datasheet HTML 5Page - Analog Intergrations Corporation AN013 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AN013
July 2000
1
Optimized external driver for AIC1639
Introduction
AIC1639 is a member of AIC1638 PFM ( Pulse
Frequency Modulation ) controller IC family, for
step-up DC/DC converter featuring high efficiency
and low ripple voltage, which is exactly the same as
AIC1638 except
the external driver with higher
output current comparing to the built-in edition
( AIC1638 ). The figures are shown below :
The key electrical characteristics of
AIC1639
ü
PFM based control
ü
75% ( Typ. ) oscillator duty cycle , 100KHz
( Typ. ) switching frequency
ü
Low start up voltage
Figure 1a
Figure 1b
Principle of step-up DC/DC converter
operation
A step-up DC/DC converter charges energy in the
inductor when the switch is on and discharges the
energy with additional energy from Input Power
Source thereto. Therefore a higher voltage output,
than input, is obtained.
The operation will be explained with reference to
the following diagrams :


Similar Part No. - AN013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN013 INTERSIL-AN013 Datasheet
87Kb / 4P
   Everything You Always Wanted to Know About the ICL8038
logo
Supertex, Inc
AN0130 SUTEX-AN0130 Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AN0130NA SUTEX-AN0130NA Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AN0130NB SUTEX-AN0130NB Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AN0130ND SUTEX-AN0130ND Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
More results

Similar Description - AN013

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC239 TRINAMIC-TMC239 Datasheet
463Kb / 1P
   Microstep Driver for External MOSFETs for up to 4A
logo
Toshiba Semiconductor
TCK401G TOSHIBA-TCK401G Datasheet
532Kb / 13P
   External FET Driver IC
TCK402G TOSHIBA-TCK402G Datasheet
532Kb / 13P
   External FET Driver IC
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
logo
IXYS Corporation
IXGN200N60A2 IXYS-IXGN200N60A2 Datasheet
558Kb / 5P
   Optimized for Switching
logo
National Instruments Co...
PXI-2567 NI-PXI-2567 Datasheet
182Kb / 3P
   64-Channel External Relay Driver
logo
Maxim Integrated Produc...
MAX20307 MAXIM-MAX20307 Datasheet
362Kb / 11P
   High-Frequency Optimized Configurable eGaN Driver
2018
logo
TRINAMIC Motion Control...
TMC249 TRINAMIC-TMC249 Datasheet
499Kb / 1P
   Microstep Driver for External MOSFETs for up to 4A with stall Guard?
logo
Xilinx, Inc
XC2C256 XILINX-XC2C256 Datasheet
426Kb / 24P
   Optimized for 1.8V systems
logo
Infineon Technologies A...
IPD025N06NATMA1 INFINEON-IPD025N06NATMA1 Datasheet
621Kb / 9P
   Optimized for synchronous rectification
Rev.2.3 2012-12-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com