Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

524-930-20 Datasheet(PDF) 1 Page - Marl International Limited

Part # 524-930-20
Description  PANEL INDICATOR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

524-930-20 Datasheet(HTML) 1 Page - Marl International Limited

  524-930-20 Datasheet HTML 1Page - Marl International Limited 524-930-20 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
524 SERIES
PANEL INDICATOR LED
FEATURES
BENEFITS
• Ø8.1mm mounting
• Stainless steel housing
• Sealed to IP67 - weatherproof
• Coloured diffused lens
• Internal potting
• Reverse protection diode fitted in all voltage models
• Range of LED colour options
• Range of voltage options
• Standard industrial mounting size
• Suitable for harsh environments
• Suitable for external applications
• Diffused lens gives wide viewing angle
• Suitable for high vibration applications
• Protects against wrong polarity installation (voltage models)
• Suitable for status panel indication
• Manufactured with internal resistor
• Outstanding reliability
• Vandal resistant
Marl Part
Number
LED Colour
Typical Voltage
DC Vopr
Typical Current
DC Iopr
Typical LED
Luminous
Intensity
Typical LED
Wavelength
λp
Operating
Temp
Topr *
Storage
Temp
Tstg
524-501-04
Red
2.0 **
20
458
625
-40 to +75
-40 to +100
524-521-04
Yellow
2.0 **
20
440
590
-40 to +75
-40 to +100
524-532-04
Green
3.4 **
20
2157
520
-40 to +75
-40 to +100
524-930-04
Blue
3.4 **
20
452
470
-40 to +75
-40 to +100
524-997-04
Cool White
3.4 **
20
1359
See Below
-40 to +75
-40 to +100
524-501-20
Red
5-6
20
458
625
-40 to +75
-40 to +100
524-521-20
Yellow
5-6
20
440
590
-40 to +75
-40 to +100
524-532-20
Green
5-6
20
2157
520
-40 to +75
-40 to +100
524-930-20
Blue
5-6
20
452
470
-40 to +75
-40 to +100
524-997-20
Cool White
5-6
20
1359
See Below
-40 to +75
-40 to +100
524-501-21
Red
12
20
458
625
-40 to +75
-40 to +100
524-521-21
Yellow
12
20
440
590
-40 to +75
-40 to +100
524-532-21
Green
12
20
2157
520
-40 to +75
-40 to +100
524-930-21
Blue
12
20
452
470
-40 to +75
-40 to +100
524-997-21
Cool White
12
20
1359
See Below
-40 to +75
-40 to +100
524-501-23
Red
24-28
15
346
625
-40 to +75
-40 to +100
524-521-23
Yellow
24-28
15
330
590
-40 to +75
-40 to +100
524-532-23
Green
24-28
15
1815
520
-40 to +75
-40 to +100
524-930-23
Blue
24-28
15
364
470
-40 to +75
-40 to +100
524-997-23
Cool White
24-28
15
1063
See Below
-40 to +75
-40 to +100
524-501-24
Red
48
12
236
625
-40 to +75
-40 to +100
524-521-24
Yellow
48
12
217
590
-40 to +75
-40 to +100
524-532-24
Green
48
12
1360
520
-40 to +75
-40 to +100
524-930-24
Blue
48
12
270
470
-40 to +75
-40 to +100
524-997-24
Cool White
48
12
743
See Below
-40 to +75
-40 to +100
Vdc
mA
mcd
nm
°C
°C
Typical Emission Colours Cool White LED
X
0.275
0.28
0.29
Y
0.27
0.28
0.30
OPTIONAL FLYING LEAD TERMINATORS
Marl Part No
Suffix
Wire Length
Wire Colour
No/Diameter of
Conductors
Diameter of Insulation Wire Specification
524-501-04-15
150mm
Red - Anode
Black - Cathode
19/0.16mm
1.2mm
Type 44, 22 Gauge
High Performance Wire
524-501-04-19
1000mm
NOTES
Intensities (lv) and colour shades of white (X-Y co-ordinates) may vary between LEDs within a batch. Additional LED Colours, Voltage Options and Flying Lead lengths available for semi-
custom projects. Please contact our Sales Team. All LED components are supplied in anti-static packaging.
* For operating temperature derating graphs, please refer to sheet 2.
** These are Current models and the voltage shown is Vf at 20mA, not Vopr. Additionally, there is no reverse protection diode in Current models.
To order please contact us on +44 (0) 1229 582 430
F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk
marlleds
marlinternationallimited
company/marl-international-limited
Q 05480
DSN 524 Version 2014-09-03-155300. Page 1 of 2


Similar Part No. - 524-930-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
524-930-20 MARL-524-930-20 Datasheet
434Kb / 5P
   횠8.1mm mounting Robust stainless steel housing
More results

Similar Description - 524-930-20

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
677-501-21-53 MARL-677-501-21-53_16 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com