Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3213MF30 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIC3213MF30
Description  SEMICONDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213MF30 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIC3213MF30 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213MF30 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2013. 5. 28
5/9
KIC3213MF/T12~33
Revision No : 2
Input Voltage VIN (V)
Input Voltage VIN (V)
80
60
40
20
0
012345
KIC3213MF/T 12
KIC3213MF/T 25
100
80
024
1
0
20
40
60
35
100
0
04
3
2
15
2.8
2.4
2.0
1.6
1.2
0.8
0.4
Input Voltage VIN (V)
Input Voltage VIN (V)
Input Voltage VIN (V)
0
KIC3213MF/T 33
012345
0
5
4
3
2
1
0
3.0
2.5
2.0
1.5
1.0
0.5
3.5
KIC3213MF/T 12
KIC3213MF/T 25
1.0
0.8
0.6
0.2
0.4
1.4
1.2
I
OUT=1mA
I
OUT=30mA
I
OUT=50mA
I
OUT=1mA
I
OUT=30mA
I
OUT=50mA
I
OUT=1mA
I
OUT=30mA
I
OUT=50mA
Typical Characteristics
1) Output Voltage vs. Input Voltage (CIN = COUT = 0.47㎌, TOPR =25℃)
2) Ground Current vs. Input Voltage (CIN = COUT = 0.47㎌, TOPR =25℃)


Similar Part No. - KIC3213MF30

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3213MF30 KEC-KIC3213MF30 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
More results

Similar Description - KIC3213MF30

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com