Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC6982F-MF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC6982F-MF
Description  SEMICONDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6982F-MF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC6982F-MF Datasheet HTML 1Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 2Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 3Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 4Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 5Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 6Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 7Page - KEC(Korea Electronics) KIC6982F-MF Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2013. 7. 24
2/8
KIC6982F/MF
Revision No : 0
Functional Block Diagram
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
VIN
2, 3
Voltage input pin
EN
4
Enable input, active high
FLG
5
Over-current and over-temperature fault report
VOUT
6, 7
Voltage output pin
N.C
8
No internal connection ; recommend tie to OUT pins
VIN
VOUT
FLG
EN
GND
UVLO
Reverse Blocking
Driver
Thermal
Protection
Short Circuit
Protection
Current Sense
Current Limit
Discharge
Control
Deglitch
Typical Application Circuit
GND
OUT
IN
FLG
EN
10㏀
ON
OFF
Power Supply
2.7V to 5.5V
10㎌
+
+
0.1㎌
0.1㎌
Load
100㎌


Similar Part No. - KIC6982F-MF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   SEMICONDUCTOR
KIC6981F-MF KEC-KIC6981F-MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
KIC6981MF KEC-KIC6981MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
More results

Similar Description - KIC6982F-MF

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com