Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75W54FU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TC75W54FU
Description  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75W54FU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TC75W54FU Datasheet HTML 3Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 4Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 5Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 9Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 10Page - List of Unclassifed Manufacturers TC75W54FU Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
123
Protective Functions
Diagnostic Functions
Part Number
Use/Function
Outline
Operating
Supply
Voltage
(V)
Operating
Temperature
Topr (°C)
Junction
(Channel)
Temperature
Tj (°C)
Power
Dissipation
PD (W)
Overcurrent
IS (A)
Over
Temperature
TS (°C)
Overvoltage
VS (V)
Short
load
Open
load
Over
Temperature
Overvoltage
Input/
Output
Package
TPD2004F
Air bag
2-ch squib
driver
(high-side SS)
VBB 30 V
RDS(ON) = 1 Ω Max
VBB=4 to 25
VCC=4.75
to 5.25
0.8
1) Squib-short, short-to-battery,
short-to-ground and open-circuit detection
2) When an abnormal condition is diagnosed,
the safing sensor is turned on.
3) Diagnosis performed on squib driver’s
internal MOSFET
When
LSD
= L
and
HSD = H,
squib
ignites.
SSOP-24PIN
TPD2005F
8-ch high-side
switch
VDD 45 V
IO 1 A
RDS(ON) = 1.2 Ω Max
8 to 40
0.8
1.0 Min
160
Typ.
H/H
SSOP-24PIN
TPD2007F
8-ch low-side
switch
VDS(DC) 40 V
IO 1 A
RDS(ON) = 1.4 Ω Max
up to 40
−40 to 85
0.8
1.0 Min
160
Typ.
Active clamp
40 Min
H/L
SSOP-24PIN
TPD7000AF
4-ch low-side
Power MOSFET
driver
VDH 25 V
Io 20 mA Max
VDH=8 to 18
VDL=4.5
to 5.5
0.5
VDS monitor
1.0 V
Typ.
Active clamp
35 V Typ.
DIAG
L
DIAG
H
H/H
(ENB=“H”)
SSOP-24PIN
TPD7100F
2-ch high-side
Power MOSFET
driver
(with built-in
charge pump)
VDD 30 V
Source current
0.1 A Typ.
Sink current
0.1 A Typ.
8 to 18
−40 to 110
0.8
Adjustable
(Undervoltage
detected at
4.5 V Max)
Overcurrent
H/H
SSOP-24PIN
TPD7201F
3-phase
full-bridge
Power MOSFET
driver
(with built-in
charge pump)
VDD 30 V
Source current
1 A Max
Sink current
1 A Max
7 to 18
0.8
22 V Typ.
(Undervoltage
detected at
6.0 V Typ.)
FAULT
H
(and
undervoltage)
H/H
SSOP-24PIN
TPD7202F
H bridge
Power MOSFET
driver
(with built-in
charge pump
VDD 30 V
Source current
1 A Max
Sink current
1 A Max
7 to 18
0.8
22 V Typ.
(Undervoltage
detected at
6.0 V Typ.)
FAULT
H
(and
undervoltage)
H/H
SSOP-24PIN
TPD7203F
3-phase
full-bridge
Power MOSFET
driver
(with built-in
charge pump)
VDD 30 V
Source current
1 A Max
Sink current
1 A Max
7 to 18
−40 to 125
150
0.8
(Undervoltage
detected at
6.0 V Typ.)
FAULT
H
(only under
voltage)
H/H
SSOP-24PIN
: Dry-packed product


Similar Part No. - TC75W54FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75W54FU TOSHIBA-TC75W54FU Datasheet
289Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - TC75W54FU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com