Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA553U Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRA553U
Description  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA553U Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRA553U Datasheet HTML 1Page - KEC(Korea Electronics) KRA553U Datasheet HTML 2Page - KEC(Korea Electronics) KRA553U Datasheet HTML 3Page - KEC(Korea Electronics) KRA553U Datasheet HTML 4Page - KEC(Korea Electronics) KRA553U Datasheet HTML 5Page - KEC(Korea Electronics) KRA553U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2008. 11. 20
3/6
KRA551U~KRA556U
Revision No : 5
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise Time
KRA551U
tr
VO=-5V
VIN=-5V
RL=1kΩ
-
0.07
-
μS
KRA552U
-
0.06
-
KRA553U
-
0.2
-
KRA554U
-
0.24
-
KRA555U
-
0.02
-
KRA556U
-
0.07
-
Storage Time
KRA551U
tstg
-
1.1
-
KRA552U
-
1.1
-
KRA553U
-
1.1
-
KRA554U
-
1.1
-
KRA555U
-
1.1
-
KRA556U
-
1.1
-
Fall Time
KRA551U
tf
-
0.15
-
KRA552U
-
0.24
-
KRA553U
-
0.38
-
KRA554U
-
0.63
-
KRA555U
-
0.1
-
KRA556U
-
0.2
-


Similar Part No. - KRA553U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA553E KEC-KRA553E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA553U

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com