Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRC413E Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KRC413E
Description  SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC413E Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KRC413E Datasheet HTML 1Page - KEC(Korea Electronics) KRC413E Datasheet HTML 2Page - KEC(Korea Electronics) KRC413E Datasheet HTML 3Page - KEC(Korea Electronics) KRC413E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2014. 3. 31
4/4
KRC410E~KRC414E
Revision No : 3
COLLECTOR CURRENT I
(mA)
0.3
10
0.1
50
30
100
10
V
=5V
Ta=-25 C
1
CE
3
100
30
C
1k
500
300
2k
Ta=25 C
Ta=100 C
h
- I C
FE
KRC413E
COLLECTOR CURRENT I
(mA)
Ta=100 C
0.3
Ta=-25 C
0.1
0.05
0.03
0.01
0.1
1
Ta=25 C
310
100
30
C
I
/I =20
KRC413E
0.5
0.3
1
2
B
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
0.3
10
0.1
50
30
100
10
V
=5V
Ta=-25 C
1
CE
3100
30
C
1k
500
300
2k
Ta=25 C
Ta=100 C
h
- I C
FE
KRC414E
COLLECTOR CURRENT I
(mA)
Ta=100 C
0.3
Ta=-25 C
0.1
0.05
0.03
0.01
0.1
1
Ta=25 C
310
100
30
C
I
/I =20
KRC414E
0.5
0.3
1
2
B
C
V
- I
CE(sat)
C


Similar Part No. - KRC413E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC413 KEC-KRC413 Datasheet
161Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC413V KEC-KRC413V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results

Similar Description - KRC413E

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com