Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75W54FK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TC75W54FK
Description  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75W54FK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TC75W54FK Datasheet HTML 1Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 2Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 3Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 4Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 5Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75W54FK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
121
Calculation Amplifier IC Series
(Op-Amp Series)
Classification
Use/Function
Circuit
Part Number
Package
VIO (mV)
Max
IIO (nA)
Max
II (nA)
Max
fT (MHz)
Typ.
SR (V/
µs)
Typ.
ICC (mA)
Max
Recomme-
nded
VCC (V)
Remarks
Equivalent
TA75358F
SOP8
High-speed,
low-power
Dual
TA75358P
DIP8
7
50
250
1.5
0.8
1.2
3 to 36
TA75358CF
SOP8
Dual
TA75358CP
DIP8
7
50
250
0.6
0.3
1.2
3 to 36
358
2904
TA75902F
SOP14
Single power supply
op-amps
General-purpose,
low-power
Quad
TA75902P
DIP14
7
30
150
1.2
3 to 36
2902
TA75458F
SOP8
Dual power supply
op-amps
General-purpose
Dual
TA75458P
DIP8
5
200
500
1.1
0.8
6
±15
1458
(Comparator ICs)
Part Number
Circuit
Package
Power Supply
(V)
Input Offset Current
Max
Input Offset Voltage
Max
Input Bias Current
Max
Response Speed
Typ.
Remarks
Equivalent
TA7522S
Dual
SIP9
+18
0.3 µA
10 mV
−2 µA
Open-collector output
TA7522F
Dual
SOP8
+18
0.3 µA
10 mV
−2 µA
Open-collector output
TA75339P
50 nA
5 mV
250 nA
tr = 1.3 µs
LM339N
LM2901N
TA75339AP
DIP14
70 nA
10 mV
250 nA
tr
= 1.0 µs
High output current: 100 mA Typ.
TA75339F
Quad
SOP14
±18
or
+36
50 nA
5 mV
250 nA
tr = 1.3 µs
TA75393P
50 nA
5 mV
250 nA
tr = 1.3 µs
LM393N
LM2903N
TA75393AP
DIP8
50 nA
7 mV
250 nA
tr = 1.3 µs
High output current: 100 mA Typ.
TA75393F
Dual
SOP8
±18
or
+36
50 nA
5 mV
250 nA
tr = 1.3 µs
TA8504F
Single
SOP8
−5
10 µA
±10 mV
40 µA
tr = 1.0 ns
tf = 0.7 ns
ECL output
TA8517F
Dual
SOP16
+5
3 µA
±10 mV
6 µA
tr
= 4.0 ns
tf = 2.0 ns
TTL output
Comes with offset adjustment pin.


Similar Part No. - TC75W54FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75W54FK TOSHIBA-TC75W54FK Datasheet
289Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - TC75W54FK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com