Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75W55FU Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC75W55FU
Description  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75W55FU Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC75W55FU Datasheet HTML 1Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 2Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 3Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 4Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 5Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75W55FU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
119
(CMOS, Single-Circuit Type)
Function
Part Number
Package
Marking
Features
Operating Voltage
Pin Configuration
TC75S56F
SMV
TC75S56FU
USV
TC75S56FE
ESV
TC
Single/dual power supply,
push-pull output,
ultra-low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75S57F
SMV
TC75S57FU
USV
TC75S57FE
ESV
TD
Single/dual power supply,
push-pull output,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75S58F
SMV
TC75S58FU
USV
TC75S58FE
ESV
TE
Single/dual power supply,
open-drain output,
ultra-low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75S59F
SMV
TC75S59FU
USV
CMOS comparator
TC75S59FE
ESV
TF
Single/dual power supply,
open-drain output,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
+
TC75S51F
SMV
TC75S51FU
USV
TC75S51FE
ESV
SC
Single/dual power supply,
low-voltage operation
1.5 to 7 V
or
±0.75 to ±3.5 V
TC75S54F
SMV
TC75S54FU
USV
TC75S54FE
ESV
SE
Single/dual power supply,
low-voltage operation,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75S55F
SMV
TC75S55FU
USV
TC75S55FE
ESV
SF
Single/dual power supply,
low-voltage operation,
ultra-low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
*
TC75S60F
SMV
CMOS op amp
*
TC75S60FU
USV
SH
Single/dual power supply,
high slew rate, high fT,
low-voltage operation,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
+
Note:
Please note that the pin configurations of the input pins of the single operational amps and comparator differ. The US8 and SM8 types have the same pin configuration.
*
: New product
SMV
USV
ESV
2.9
2.0
1.6
(mm)
(CMOS, Dual-Circuit Type)
Function
Part Number
Package
Marking
Features
Operating Voltage
Pin Configuration (top view)
(Unit: mm)
TC75W56FU
SM8
TC75W56FK
US8
5W56
Single/dual power supply,
push-pull output,
ultra-low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75W57FU
SM8
TC75W57FK
US8
5W57
Single/dual power supply,
push-pull output,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75W58FU
SM8
TC75W58FK
US8
5W58
Single/dual power supply,
open-drain output,
ultra-low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75W59FU
SM8
CMOS comparator
TC75W59FK
US8
5W59
Single/dual power supply,
open-drain output,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75W51FU
SM8
TC75W51FK
US8
5W51
Single/dual power supply,
low-voltage operation
1.5 to 7 V
or
±0.75 to ±3.5 V
TC75W54FU
SM8
TC75W54FK
US8
5W54
Single/dual power supply,
low-voltage operation,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
TC75W55FU
SM8
TC75W55FK
US8
5W55
Single/dual power supply,
low-voltage operation,
ultra-low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
*
TC75W60FU
SM8
CMOS op amp
*
TC75W60FK
US8
5W60
Single/dual power supply,
high slew rate, high fT,
low-voltage operation,
low current consumption
1.8 to 7 V
or
±0.9 to ±3.5 V
SM8
+
A
+
B
2.9
US8
2.0
+
B
+
A
*
: New product


Similar Part No. - TC75W55FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75W55FU TOSHIBA-TC75W55FU Datasheet
287Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - TC75W55FU

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com