Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABF-04S05 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # ABF-04S05
Description  AC/DC Power Module 4W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ABF-04S05 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  ABF-04S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ABF-04S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ABF-04S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ABF-04 SERIES
AC/DC POWER MODULE 4W
Minmax Technology Co., Ltd.
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2015/07/31 REV:9 Page 3 of 3
Notes
1
All specifications typical at Ta=+25℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted.
2
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power
supplies however they may not meet all listed specifications.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory
5
Specifications are subject to change without notice
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
D12/D15
D53/D125
1
NC
2
NC
3
+Vout
+Vout
+Vout1
4
-Vout
Common
Common
5
No Pin
-Vout
+Vout2
6
AC(N)
7
AC(L)
All dimensions in mm (inches)
Tolerance: ±0.5 (±0.01)
Pin diameter 0.6 ±0.1 (0.02±0.004)
Physical Characteristics
Case Size
:
36.5x27.0x17.1mm (1.44x1.06x0.67 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
30g
21.00 [0.83]
3.00
[0.12]
27.0 [1.06]
1
2
3
4
5
6
7
Bottom View
17.1
[0.67]
4.0
[0.16]


Similar Part No. - ABF-04S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04S05 MINMAX-ABF-04S05 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
More results

Similar Description - ABF-04S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
logo
Analog Technologies, In...
ATMV24VPN200V10MA2 ANALOGTECHNOLOGIES-ATMV24VPN200V10MA2 Datasheet
738Kb / 7P
   4W Isolated DC-DC Power Module
6/28/2022
logo
Delta Electronics, Inc.
AA04S DELTA-AA04S Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S0300A DELTA-AA04S0300A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com