Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIC3201T-33 Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KIC3201T-33
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201T-33 Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KIC3201T-33 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201T-33 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201T-33 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201T-33 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201T-33 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2013. 7. 04
5/5
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 12
TIME (1msec/div)
0
2
3
-1
-2
1
800
0
400
200
600
1000
Fig. 7 Load Transient Response
(IOUT = 200mA)
Fig. 8 PSRR
Fig. 9 IOUT - VDROP
FREQUENCY f (kHz)
0
0
-10
-20
-30
-40
-50
-60
1
10
1000
100
200mA
1mA
Output Current
Output Voltage
I
O=200mA
I
O=100mA
V
IN = 3.8VDC + 1VP-PAC
C
L = 1µF(Ceramic)
V
IN = 2.8V, CIN = CL = 1.0µF(Ceramic)
TIME (40
µsec/div)
5
4
0
2
3
-1
1
2.6
2.2
1.4
1.8
1.5
2.0
2.4
Fig. 5 Input Transient Response
TIME (1msec/div)
0
2
-2
3
-1
1
200
120
0
40
80
160
Fig. 6 Load Transient Response
(IOUT = 40mA)
Output Voltage
Input Voltage
Output Current
Output Voltage
40mA
1mA
V
IN = 2.8V, CIN = CL = 1.0µF(Ceramic)
I
OUT = 200mA, CIN = CL = 1.0µF(Ceramic), Topr = 25 C
100
400
200
300
C
IN = CL =1.0µF(Ceramic)
0
Output Current (mA)
0.0
0.2
0.8
1.2
0.6
1.0
0.4
Topr =25 C
85 C
-40 C
0
100
0
Fig.10 PD - Ta
25
50
75
100
125
150
175
200
300
400
500
600
700
800
1000
900
AMBIENT TEMPERATURE Ta ( C)


Similar Part No. - KIC3201T-33

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201T-33 KEC-KIC3201T-33 Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
More results

Similar Description - KIC3201T-33

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com