Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC28025DW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC28025DW
Description  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC28025DW Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC28025DW Datasheet HTML 5Page - Texas Instruments UC28025DW Datasheet HTML 6Page - Texas Instruments UC28025DW Datasheet HTML 7Page - Texas Instruments UC28025DW Datasheet HTML 8Page - Texas Instruments UC28025DW Datasheet HTML 9Page - Texas Instruments UC28025DW Datasheet HTML 10Page - Texas Instruments UC28025DW Datasheet HTML 11Page - Texas Instruments UC28025DW Datasheet HTML 12Page - Texas Instruments UC28025DW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
UC28023
UC28025
SLUS557B − MARCH 2003 − REVISED APRIL 2004
9
www.ti.com
APPLICATION INFORMATION
Figure 3. Open Loop Frequency Response
100
0
−40
1 k
10 k
100 k
1 M
10 M
100 M
−20
60
20
40
80
100
−180
−90
0
GAIN AND PHASE
vs
FREQUENCY
fOSC − Frequency − Hz
GAIN
PHASE
3
2
5
4
1
0
0.2
0.4
0.6
0.8
1.0
tdelay − Delay Time− µs
Figure 4. Unity Gain Slew Rate
VOLTAGE
vs
TIME
VOUT
VIN
CONTROL METHODS
6
7
CT
UC2802x
OSCILLATOR
1.25 V
RAMP
From
Error Amplifier
Figure 5. Voltage Mode Control
UDG−03050
CT
Figure 6. Peak Current Mode Control
RSENSE
UDG−03050
CT
* A small filter may be required to supress switch noise.
6
7
CT
UC2802x
OSCILLATOR
1.25 V
RAMP
From
Error Amplifier
*
*
ISENSE


Similar Part No. - UC28025DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC28025DW TI1-UC28025DW Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28025DWG4 TI1-UC28025DWG4 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28025DWR TI1-UC28025DWR Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28025DWRG4 TI1-UC28025DWRG4 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC28025DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC28023 TI1-UC28023_13 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com