Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABW-02D85 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # ABW-02D85
Description  AC/DC Power Module 2W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ABW-02D85 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  ABW-02D85 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ABW-02D85 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ABW-02D85 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABW-02 SERIES
AC/DC Power Module 2W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/06/02 REV:3
Page 1 of 3
FEATURES
Fully Encapsulated Plastic Case for PCB Mounting
Universal Input 85~264VAC, 47~440Hz
Constant Power Mode, No Output Current Limit
Protection Class II as per IEC/EN 60536
Operating Ambient Temp. Range -30°C to +70°C
Short Circuit Protection
Designed-in EMI Emission meets EN55011/22 Class B & FCC
Level B
Designed-in EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
Eco Design, Low No Load Power Consumption < 150mW
UL/cUL/IEC/EN 60950-1, TUV/IEC/EN 60335-1 Safety Approval
& CE Marking
PRODUCT OVERVIEW
The ABW-02 series is a new range of small, fully encapsulated AC/DC power supply modules.They are designed for direct PCB mounting with solder
pins.They feature regulated output voltages which have a constant output power mode instead of a conventional current limit characteristics,which makes
the power modules suitable to drive relays,solenoids,capacitive loads and LED’s.To power logic circuits for standby functions models with an addtional
second, voltage regulated 3.3 or 5VDC output are available.
The ABW-02 power supply modules provide a cost-effective new solution for standby power applications in appliances and consumer electronics.
equipment. Universal input voltage 85-264VAC and International safety approvals including IEC/EN60335-1 qualifies the product for worldwide markets.
Model Selection Guide
Model
Number
Output 1
Output 2
Input Current
Efficiency
(typ.)
Voltage
Current
Voltage
Current
Max.
Max.
@Max. Load
@Max. Load
VDC
mA
VDC
mA
mA(typ.)
%
ABW-02S08
8
250
---
---
42
72
ABW-02S14
14
143
---
---
40
74
ABW-02S24
24
83
---
---
39
76
ABW-02D83 ***
8
*
3.3
160
43
69
ABW-02D85 ***
8
*
5
250
43
69
ABW-02D143 ***
14
**
3.3
70
43
70
ABW-02D145 ***
14
**
5
83
43
70
* Io1+Io2≦250mA
** Io1+Io2≦143mA
*** The definition of output power (Po) for dual-output modules : Po=V01 x (I01 + I02 )
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
---
30
---
mW
Input Surge Voltage
---
---
308
VAC
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
Output 1
Vin=115VAC, Full Load
---
---
±5.0
%
Output 2
---
---
±2.0
%
Line Regulation
Output 1
Vin=85~264VAC
---
±1.0
---
%
Output 2
---
±0.3
---
%
Load Regulation
Output 1
Io=10% to 100%
---
±1.0
---
%
Output 2
---
±0.5
---
%
Ripple & Noise
0-20 MHz Bandwidth
Output 1
---
1
---
V P-P
Output 2
---
0.1
---
V P-P
Short Circuit Protection
Continuous, Automatic Recovery


Similar Part No. - ABW-02D85

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABW-02 MINMAX-ABW-02 Datasheet
409Kb / 3P
   Constant Power Mode
More results

Similar Description - ABW-02D85

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
   AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
   AC-DC Power Module
AFC25 ARCH-AFC25 Datasheet
182Kb / 2P
   AC-DC Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com