Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABF-04D15 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # ABF-04D15
Description  AC/DC Power Module 4W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ABF-04D15 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  ABF-04D15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ABF-04D15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ABF-04D15 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ABF-04 SERIES
AC/DC Power Module 4W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:9 Page 1 of 3
FEATURES
Fully Encapsulated Plastic Case for PCB Mounting
Universal Input 85~264VAC, 47~440Hz
Protection Class II as per IEC/EN 60536
I/O Isolation 3000VAC with Reinforced Insulation
Operating Ambient Temp. Range -25°C to +60°C
No Min. Load Requirement
Overload/Voltage/Temp. and Short Circuit Protection
Designed-in EMI Emission meets EN55011/22 Class B & FCC
Level B
Designed-in EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
Eco Design, Compliant to Energy Star Specification and ErP
Directive 2009/125/EC
UL/cUL/IEC/EN 60950-1 Safety Approval & CE Marking
PRODUCT OVERVIEW
The MINMAX ABF-04 series is a new range of fully encapsulated AC/DC power supply modules. They are designed for direct PCB mounting with solder
pins. The product features EMI-filter to EN55022, class B and EMS compliance to the EN 61000-4 standard.
Universal input voltage 85-264VAC and International safety approvals qualifies these power modules for applications in products with worldwide markets.
The ABF-04 series provide a cost effective solution for many space critical applications in commercial and industrial electronic equipment.
Model Selection Guide
Model
Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@Max. Load
VDC
mA
mA(typ.)
μF
%
ABF-04S03
3.3
1200
82
1200
70
ABF-04S05
5
800
82
800
72
ABF-04S09
9
444
77
440
75
ABF-04S12
12
333
76
330
76
ABF-04S15
15
267
76
260
76
ABF-04S24
24
167
76
160
77
ABF-04D53
+5
600
72
5600
72
+3.3
150
4700
ABF-04D125
+12
250
72
330
75
+5
120
4700
ABF-04D12
±12
±166
76
# 330
77
ABF-04D15
±15
±133
76
# 260
77
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
No-Load Power Consumption
---
---
0.3
W
Inrush Current (Cold Start at 25℃)
115VAC
---
---
15
A
230VAC
---
---
25
A


Similar Part No. - ABF-04D15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04D15 MINMAX-ABF-04D15 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
More results

Similar Description - ABF-04D15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
logo
Analog Technologies, In...
ATMV24VPN200V10MA2 ANALOGTECHNOLOGIES-ATMV24VPN200V10MA2 Datasheet
738Kb / 7P
   4W Isolated DC-DC Power Module
6/28/2022
logo
Delta Electronics, Inc.
AA04S DELTA-AA04S Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S0300A DELTA-AA04S0300A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com