Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZF-60S12 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # AZF-60S12
Description  AC/DC Power Module 60W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AZF-60S12 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  AZF-60S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AZF-60S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZF-60 SERIES
AC/DC POWER MODULE 60W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/08/30 REV:14
Page 2 of 4
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.2
±1.0
%
Load Regulation
Io=10% to 100%
---
±0.5
±1.0
%
Ripple & Noise
0-20 MHz Bandwidth
5.1VDC Output Models
---
2.0
3.0
%VPP of Vo
Other Output Models
---
1.0
1.3
%VPP of Vo
Minimum Load
---
10
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Transient Response Deviation
(Iout=100% to Iout=50%)
±3
±6
%
Temperature Coefficient
---
±0.02
---
%/℃
Overshoot
---
---
5
% Vout
Current Limitation
Foldback, auto-recovery
105
---
---
%Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Input to Output, 60 Seconds
3000
---
---
VACrms
I/O Isolation Resistance
500 VDC
100
---
---
Switching Frequency
---
100
---
KHz
Hold-up Time
---
20
---
ms
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
125,000
Hours
Protection Class II
According IEC/EN 60536
Safety Approvals
UL/cUL 60950-1 recognition (UL certificate), IEC/EN 60950-1 (CB-report)
UL/cUL 508 listed certificate
Environmental Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Ambient Temperature Range
Natural Convection
-10
---
+70
Storage Temperature Range
-40
---
+85
Power Derating
+50℃ to +70℃
2.25
W / ℃
Power Derating (5.1Vout)
+40℃ to +70℃
2.25
W / ℃
Thermal Shutdown
Shutdown, Internal IC Junction Temperature
---
142
---
Automatic Recovery, Internal IC Junction Temperature
---
67
---
Humidity (non condensing)
---
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
---
260
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction and Radiation
EN55011, EN55022, FCC part 15
Class B
EMS
EN55011 ,EN55024
ESD
EN61000-4-2 Air ± 8kV , Contact ± 4kV
B
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ±2kV
B
Surge
EN61000-4-5 ±1kV
B
Conducted immunity
EN61000-4-6 10Vrms
B
PFMF
EN61000-4-8 30A/m
A
Dips
EN61000-4-11 30% 10ms
B
Interruptions
EN61000-4-11 >95% 5000ms
C
Notes
1
All specifications typical at Ta=+25℃, resistive load, 115VAC, 60Hz input voltage and after warm-up time rated output current unless otherwise noted.
2
These power modules require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage the power
supplies however they may not meet all listed specifications.
3
Other input and output voltage may be available, please contact factory.
4
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
5
Specifications are subject to change without notice


Similar Part No. - AZF-60S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AZF-60S12 MINMAX-AZF-60S12 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S12 MINMAX-AZF-60S12 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AZF-60S12 MINMAX-AZF-60S12 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
More results

Similar Description - AZF-60S12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA60S0500A DELTA-AA60S0500A Datasheet
381Kb / 7P
   60W Single AC/DC Power Module
AA60S DELTA-AA60S Datasheet
324Kb / 6P
   60W Single AC/DC Power Module
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
MRWI60C MINMAX-MRWI60C_15 Datasheet
720Kb / 6P
   DC/DC Power Module 60W
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60_13 Datasheet
2Mb / 4P
   AC/DC Power Module 60W Fully encapsulated Plastic Case
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com