Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU100 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MAU100
Description  DC/DC CONVERTER 1W, SIP-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU100 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MAU100_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU100_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU100_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU100_16 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAU100 SERIES
DC/DC CONVERTER 1W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:6
Page 2 of 4
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
15V Input Models
13.5
15
16.5
24V Input Models
21.6
24
26.4
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
15V Input Models
-0.7
---
18
24V Input Models
-0.7
---
30
Input Filter
All Models
Internal Capacitor
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±1.0
±3.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
---
±1.2
±1.5
%
Load Regulation
Io=20% to 100%
See Model Selection Guide
Ripple & Noise
0-20 MHz Bandwidth
---
50
75
mV P-P
Temperature Coefficient
---
±0.01
±0.02
%/℃
Short Circuit Protection
0.5 Second Max., Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1000
---
---
VDC
1 second
1200
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
I/O Isolation Capacitance
100KHz, 1V
---
60
100
pF
Switching Frequency
70
100
120
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,000,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition (CSA certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See
Power Derating Curve)
Natural Convection
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260


Similar Part No. - MAU100_16

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU100_16

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01_16 Datasheet
577Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPRN01 MEANWELL-SPRN01 Datasheet
101Kb / 4P
   1W SIP Package DC-DC Regulated Converter
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com