Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJWI20 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MJWI20
Description  DC/DC CONVERTER 20W, Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

Back Button MJWI20_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJWI20_15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/10/15 REV:18
Page 8 of 10
®
External Filter meets Conducted EMI EN55022 class A ; FCC part 15 level A
Model
Component
Value
MJWI20-24XXX
C1
3.3μF/50V 1210 X7R MLCC
C2(24S24 only)
220pF/2KV 1808 MLCC
L1
6.8μH
MJWI20-48XXX
C1
2.2μF/100V 1210 X7R MLCC
C2(48S24 only)
220pF/2KV 1808 MLCC
L1
12μH
External Output Trimming
Output can be externally trimmed by using the method shown below
MJWI20-XXS033 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
72.61
32.55
19.20
12.52
8.51
5.84
3.94
2.51
1.39
0.50
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
60.84
27.40
16.25
10.68
7.34
5.11
3.51
2.32
1.39
0.65
KOhms
MJWI20-XXS05 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
138.88
62.41
36.92
24.18
16.53
11.44
7.79
5.06
2.94
1.24
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
106.87
47.76
28.06
18.21
12.30
8.36
5.55
3.44
1.79
0.48
KOhms
MJWI20-XXS12 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
413.55
184.55
108.22
70.05
47.15
31.88
20.98
12.80
6.44
1.35
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
351.00
157.50
93.00
60.75
41.40
28.50
19.29
12.37
7.00
2.70
KOhms
MJWI20-XXS15 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
530.73
238.61
141.24
92.56
63.35
43.87
29.96
19.53
11.41
4.92
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
422.77
189.89
112.26
73.44
50.15
34.63
23.54
15.22
8.75
3.58
KOhms
MJWI20-XXS24 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
598.66
267.78
157.49
102.34
69.25
47.19
31.44
19.62
10.43
3.08
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
487.14
218.02
128.31
83.46
56.55
38.61
25.79
16.18
8.70
2.72
KOhms
+Vin
-Vin
Load
+Vin
-Vin
Vout
C2
-Vout
+Vo
-Vo
C1
L1
1
2
6
3
4
5
MJWI20 Module
Bottom View
Trim Up
1
2
6
3
4
5
MJWI20 Module
Bottom View
Rd
Trim Down
Ru


Similar Part No. - MJWI20_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20-24D12 MINMAX-MJWI20-24D12 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
logo
Total Power Internation...
MJWI20-24D12 TOTAL-POWER-MJWI20-24D12 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
logo
Minmax Technology Co., ...
MJWI20-24D15 MINMAX-MJWI20-24D15 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
logo
Total Power Internation...
MJWI20-24D15 TOTAL-POWER-MJWI20-24D15 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
logo
Minmax Technology Co., ...
MJWI20-24S033 MINMAX-MJWI20-24S033 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
More results

Similar Description - MJWI20_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com