Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB330S Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SB330S
Description  For High speed Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB330S Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SB330S Datasheet HTML 1Page - GOOD-ARK Electronics SB330S Datasheet HTML 2Page - GOOD-ARK Electronics SB330S Datasheet HTML 3Page - GOOD-ARK Electronics SB330S Datasheet HTML 4Page - GOOD-ARK Electronics SB330S Datasheet HTML 5Page - GOOD-ARK Electronics SB330S Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
1. 外形规格 CASE DIMENSION (DO-15
Type)
Lead Material / Plating
Copper / Tin Plating ( 4μm to 12μm )
2. 印字规格 Marking
0.
Cathode Mark
(silver band)
1.
Part Name
SB320S
2.
Logo Mark
0
1
2


Similar Part No. - SB330S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB330S EIC-SB330S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB330S VISHAY-SB330S Datasheet
98Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
logo
EIC discrete Semiconduc...
SB330S EIC-SB330S Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB330S VISHAY-SB330S Datasheet
72Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
SB330S VISHAY-SB330S Datasheet
72Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
More results

Similar Description - SB330S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB370S GOOD-ARK-SB370S Datasheet
598Kb / 6P
   For High speed Rectifier
logo
Toshiba Semiconductor
1JU42 TOSHIBA-1JU42 Datasheet
169Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1S1832 TOSHIBA-1S1832 Datasheet
113Kb / 2P
   RECTIFIER (HIGH SPEED RECTIFIER APPSICATIONS)
1GU42 TOSHIBA-1GU42 Datasheet
170Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1R5JU41 TOSHIBA-1R5JU41 Datasheet
161Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1JU41 TOSHIBA-1JU41 Datasheet
181Kb / 4P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
Toshiba Semiconductor
U2FWJ44N TOSHIBA-U2FWJ44N Datasheet
245Kb / 5P
   HIGH SPEED RECTIFIER APPLICATIONS
U1GWJ49 TOSHIBA-U1GWJ49 Datasheet
114Kb / 3P
   HIGH SPEED RECTIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com