Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4N60D Datasheet(PDF) 4 Page - Analog Power

Part # AM4N60D
Description  N-Channel 600-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4N60D Datasheet(HTML) 4 Page - Analog Power

  AM4N60D Datasheet HTML 1Page - Analog Power AM4N60D Datasheet HTML 2Page - Analog Power AM4N60D Datasheet HTML 3Page - Analog Power AM4N60D Datasheet HTML 4Page - Analog Power AM4N60D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM4N60D
7. Gate Charge
8. Normalized On-Resistance Vs
Junction Temperature
Typical Electrical Characteristics
0
2
4
6
8
10
0
5
10
15
Qg - Total Gate Charge (nC)
1
10
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
200
250
300
350
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
VDS = 100V
ID = 2A
© Preliminary
4
Publication Order Number: DS_AM4N60D_1A
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
11. Normalized Thermal Transient Junction to Ambient
0.01
0.1
0.1
1
10
100
1000
10000
VDS Drain to Source Voltage (V)
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
50
100
150
0.001
0.01
0.1
1
10
100
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
R
θJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
R
θJA = 40 °C /W
© Preliminary
4
Publication Order Number: DS_AM4N60D_1A


Similar Part No. - AM4N60D

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4N60D DOINGTER-AM4N60D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AM4N60D

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4N60P ANALOGPOWER-AM4N60P Datasheet
305Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM2N60B ANALOGPOWER-AM2N60B Datasheet
327Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM8N60P ANALOGPOWER-AM8N60P Datasheet
330Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60I ANALOGPOWER-AM4N60I Datasheet
314Kb / 5P
   N-Channel 600-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
4N40L-TA3-T VBSEMI-4N40L-TA3-T Datasheet
1Mb / 9P
   N-Channel 600 V (D-S) Power MOSFET
2SK3916-01 VBSEMI-2SK3916-01 Datasheet
1Mb / 9P
   N-Channel 600-V (D-S) Power MOSFET
VBM16R08 VBSEMI-VBM16R08 Datasheet
755Kb / 9P
   N-Channel 600 V (D-S) Power MOSFET
KF7N60P VBSEMI-KF7N60P Datasheet
1Mb / 9P
   N-Channel 600 V (D-S)Power MOSFET
VBE17R06 VBSEMI-VBE17R06 Datasheet
678Kb / 8P
   N-Channel 600-V (D-S) Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com