Electronic Components Datasheet Search |
|
C325C322BCG5HA7301 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C325C322BCG5HA7301 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015 1 One world. One KEMET Overview KEMET’s 300 Series High Voltage Goldmax conformally coated radial leaded ceramic capacitors in C0G dielectric feature a 125°C maximum operating temperature. The Electronics Industries Alliance (EIA) characterizes C0G dielectric as a Class I "stable" material. Components of this classification are temperature compensating and are suited for resonant circuit applications or those where Q and stability of capacitance char- acteristics are required. C0G exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. Capaci- tance change is limited to ±30 ppm/ºC from -55°C to +125°C. These devices exhibit low ESR at high frequencies and find con- ventional use as snubbers or filters in applications such as switch- ing power supplies and lighting ballasts. Their exceptional per- formance at high frequencies has made them a preferred choice of design engineers worldwide. In addition to their use in power supplies, these capacitors are widely used in industries related to telecommunications, medical, military, aerospace, semiconductors and test/diagnostic equipment. Radial Leaded Multilayer Ceramic Capacitors High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 – 3,000 VDC (Commercial Grade) Ordering Information C 320 C 332 J C G 5 T A 7301 Ceramic Style/Size Specification/ Series Capacitance Code (pF) Capacitance Tolerance1 Rated Voltage (VDC) Dielectric Design Lead Finish2 Failure Rate Packaging (C-Spec)3 315 316 317 318 320 321 322 323 324 325 326 327 328 330 331 333 335 336 340 346 350 356 C = Standard First two digits represent significant figures. Third digit specifies number of zeros. B = ±0.1 pF C = ±0.25 pF D = ±0.5 pF F = ±1% G = ±2% J = ±5% K = ±10% C = 500 B = 630 D = 1,000 F = 1,500 G = 2,000 Z = 2,500 H = 3,000 G = C0G 5 = Multilayer T = 100% Matte Sn H = SnPb (60/40) A = N/A Blank = Bulk 7301 = 12" Reel 7303 = 12" Reel 1 Additional capacitance tolerance offerings may be available. Contact KEMET for details. 2 Lead materials: Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation). Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation). Alternative2:60%tin(Sn)/40%lead(Pb)finishwith100%coppercore(availablewith“H”designationcodewithC-Spec).ContactKEMETforC-Specdetails. 3 Tape and Reel: C-Spec7303:18.0mmminimumleadlength.NotavailableforSize/StyleC321andC331. C-Spec7301:16.0±0.5mmleadlength.NotavailableforSize/StyleC321andC331. Ammo Pack: C-Spec7293:AmmoPackoptionisnotavailableforSize/StyleC321,C331,C350andC356. For more information see Tape & Reel Packaging Information |
Similar Part No. - C325C322BCG5HA7301 |
|
Similar Description - C325C322BCG5HA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |