Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2060A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2060A
Description  SBS v1.1-Compliant Gas Gauge IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2060A Datasheet(HTML) 2 Page - Texas Instruments

  BQ2060A Datasheet HTML 1Page - Texas Instruments BQ2060A Datasheet HTML 2Page - Texas Instruments BQ2060A Datasheet HTML 3Page - Texas Instruments BQ2060A Datasheet HTML 4Page - Texas Instruments BQ2060A Datasheet HTML 5Page - Texas Instruments BQ2060A Datasheet HTML 6Page - Texas Instruments BQ2060A Datasheet HTML 7Page - Texas Instruments BQ2060A Datasheet HTML 8Page - Texas Instruments BQ2060A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Pin Descriptions
HDQ16
Serial communication input/output
Open-drain bidirectional communications
port
ESCL
Serial memory clock
Output to clock the data transfer between
the bq2060A and the external nonvolatile
configuration memory
ESDA
Serial memory data and address
Bidirectional pin used to transfer address
and data to and from the bq2060A and the
external nonvolatile configuration memory
RBI
Register backup input
Input that provides backup potential to the
bq2060A registers during periods of low op-
erating voltage. RBI accepts a storage ca-
pacitor or a battery input.
REG
Regulator output
Output to control an n-JFET for VCC regu-
lation to the bq2060A from the battery po-
tential
VOUT
Supply output
Output that supplies power to the external
EEPROM configuration memory
VCC
Supply voltage input
VSS
Ground
DISP
Display control input
Input that controls the LED drivers
LED1–LED5
LED1
LED5
LED display segment outputs
Outputs that each may drive an external
LED
DFC
Discharge FET control output
Output to control the discharge FET in the
Li-Ion pack protection circuitry
CFC
Charge FET control output
Output to control the charge FET in the
Li-Ion pack protection circuitry
CVON
Cell voltage divider control output
Output control for external FETs to connect
the cells to the external voltage dividers
during cell voltage measurements
THON
Thermistor bias control output
Output control for external FETs to connect
the thermistor bias resistor during a tempera-
ture measurement
TS
Thermistor voltage input
Input connection for a thermistor to monitor
temperature
SRC
Current sense voltage input
Input to monitor instantaneous current
SR1
SR2
Sense resistor inputs
Input connections for a small value sense
resistor to monitor the battery charge and
discharge current flow
VCELL1
VCELL4
Single-cell voltage inputs
Inputs that monitor the series element cell
voltages
SMBD
SMBus data
Open-drain bidirectional pin used to trans-
fer address and data to and from the
bq2060A
SMBC
SMBus clock
Open drain bidirectional pin used to clock
the data transfer to and from the bq2060A
2
bq2060A


Similar Part No. - BQ2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A TI1-BQ2060A Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQ TI1-BQ2060A-E619DBQ Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQG4 TI1-BQ2060A-E619DBQG4 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQR TI1-BQ2060A-E619DBQR Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQRG4 TI1-BQ2060A-E619DBQRG4 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com