Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5341 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5341
Description  Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5341 Datasheet HTML 1Page - Silicon Laboratories SI5341 Datasheet HTML 2Page - Silicon Laboratories SI5341 Datasheet HTML 3Page - Silicon Laboratories SI5341 Datasheet HTML 4Page - Silicon Laboratories SI5341 Datasheet HTML 5Page - Silicon Laboratories SI5341 Datasheet HTML 6Page - Silicon Laboratories SI5341 Datasheet HTML 7Page - Silicon Laboratories SI5341 Datasheet HTML 8Page - Silicon Laboratories SI5341 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Si5341/40 Rev D Data Sheet
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock
Generator
The any-frequency, any-output Si5341/40 clock generators combine a wide-band PLL
with proprietary MultiSynthfractional synthesizer technology to offer a versatile and
high performance clock generator platform. This highly flexible architecture is capable
of synthesizing a wide range of integer and non-integer related frequencies up to 1
GHz on 10 differential clock outputs while delivering sub-100 fs rms phase jitter per-
formance with 0 ppm error. Each of the clock outputs can be assigned its own format
and output voltage enabling the Si5341/40 to replace multiple clock ICs and oscillators
with a single device making it a true "clock tree on a chip."
The Si5341/40 can be quickly and easily configured using ClockBuilderPro software.
Custom part numbers are automatically assigned using a ClockBuilder Pro™ for fast,
free, and easy factory pre-programming or the Si5341/40 can be programmed via I2C
and SPI serial interfaces.
Applications:
• Clock tree generation replacing XOs, buffers, signal format translators
• Any-frequency clock translation
• Clocking for FPGAs, processors, memory
• Ethernet switches/routers
• OTN framers/mappers/processors
• Test equipment and instrumentation
• Broadcast video
KEY FEATURES
• Generates any combination of output
frequencies from any input frequency
• Ultra-low jitter of 90 fs rms
• Input frequency range:
• External crystal: 25 to 54 MHz
• Differential clock: 10 to 750 MHz
• LVCMOS clock: 10 to 250 MHz
• Output frequency range:
• Differential: 100 Hz to 1028 MHz
• LVCMOS: 100 Hz to 250 MHz
• Highly configurable outputs compatible with
LVDS, LVPECL, LVCMOS, CML, and HCSL
with programmable signal amplitude
• Si5341: 4 input, 10 output, 64-QFN 9x9 mm
• Si5340: 4 input, 4 output, 44-QFN 7x7 mm
Up to 10
Output Clocks
OUT7
OUT6
OUT5
OUT1
OUT4
OUT3
OUT2
OUT0
I2C / SPI
Control
NVM
Status Flags
Status Monitor
4 Input
Clocks
XB
XA
25-54 MHz XTAL
OSC
MultiSynth
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
÷INT
MultiSynth
MultiSynth
MultiSynth
MultiSynth
÷INT
÷INT
÷INT
PLL
÷INT
OUT9
OUT8
÷INT
÷INT
IN0
IN1
IN2
FB_IN
Zero Delay
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Similar Part No. - SI5341

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
SI5341-D-EVB SKYWORKS-SI5341-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
logo
Skyworks Solutions Inc.
SI5341A-D-GM SKYWORKS-SI5341A-D-GM Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Similar Description - SI5341

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Silicon Laboratories
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
   12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com