Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8610BD-B-IS Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si8610BD-B-IS
Description  Low-Power Single and Dual-Channel Digital Isolators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8610BD-B-IS Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si8610BD-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 9Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 10Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 11Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 12Page - Silicon Laboratories Si8610BD-B-IS Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
4. Electrical Specifications
Table 4.1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature1
TA
–40
25
1251
°C
Supply Voltage
VDD1
2.5
5.5
V
VDD2
2.5
5.5
V
Note:
1. The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels, and supply
voltage.
Table 4.2. Electrical Characteristics1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
VDD Undervoltage Threshold
VDDUV+
VDD1, VDD2 rising
1.95
2.24
2.375
V
VDD Undervoltage Threshold
VDDUV–
VDD1, VDD2 falling
1.88
2.16
2.325
V
VDD Undervoltage Hysteresis
VDDHYS
50
70
95
mV
Positive-Going Input Threshold
VT+
All inputs rising
1.4
1.67
1.9
V
Negative-Going Input Threshold
VT–
All inputs falling
1.0
1.23
1.4
V
Input Hysteresis
VHYS
0.38
0.44
0.50
V
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1, VDD2 – 0.4
4.8
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
Si86xxxB/C/D
Si86xxxT
IL
±10
±15
µA
Output Impedance2
ZO
50
Ω
DC Supply Current (All Inputs 0 V or at Supply)
Si8610Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI = 0(Bx), 1(Ex)
VI = 0(Bx), 1(Ex)
VI = 1(Bx), 0(Ex)
VI = 1(Bx), 0(Ex)
0.6
0.8
1.8
0.8
1.2
1.5
2.9
1.5
mA
Si861x/2x Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.6 | 8


Similar Part No. - Si8610BD-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8610BD-B-IS SILABS-SI8610BD-B-IS Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8610BD-B-IS SILABS-SI8610BD-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8610BD-B-IS SKYWORKS-SI8610BD-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Similar Description - Si8610BD-B-IS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI8610 SILABS-SI8610 Datasheet
445Kb / 36P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com