Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24030 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24030
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24030 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24030 Datasheet HTML 1Page - Texas Instruments BQ24030 Datasheet HTML 2Page - Texas Instruments BQ24030 Datasheet HTML 3Page - Texas Instruments BQ24030 Datasheet HTML 4Page - Texas Instruments BQ24030 Datasheet HTML 5Page - Texas Instruments BQ24030 Datasheet HTML 6Page - Texas Instruments BQ24030 Datasheet HTML 7Page - Texas Instruments BQ24030 Datasheet HTML 8Page - Texas Instruments BQ24030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
bq24030, bq24032, bq24035
SLUS618 – AUGUST 2004
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range (0
°C ≤ T
J≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VVCC(min)≥ 4.35 V, VI(BAT) > V(LOWV),
VI(USB) - VI(BAT) > V(DO-MAX), ISET2= Low,
80
100
PSEL = Low(10)
USB input current range
mA
VVCC(min)≥ 4.35 V, VI(BAT) > V(LOWV),
VI(USB) - VI(BAT) > V(DO-MAX), ISET2= High,
400
500
PSEL = Low(11)
PRECHARGE and SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition
V(LOWV)
Voltage on BAT
2.9
3.0
3.1
V
threshold
VVCC(min)≥ 4.5 V, tFALL = 100 ns,
Deglitch time for fast-charge to
10 mV overdrive,
22.5
ms
precharge transition(12)
VI(BAT) decreasing below threshold
1 V < VI(BAT) < V(LOWV), t < t(PRECHG),
IO(PRECHG)
Precharge range
10
150
mA
IO(PRECHG) = (K(SET)× V(PRECHG))/ RSET
V(PRECHG)
Precharge set voltage
1 V < VI(BAT) < V(LOWV), t < t(PRECHG)
230
250
270
mV
Short circuit pull-up, BAT
VI(BAT)≤ 1 V
1
k
CHARGE TAPER DETECTION
VI(BAT) < V(RCH),
I(TAPER)
Charge taper detection range
10
150
mA
I(TAPER) = (K(SET)× V(TAPER))/ RSET
Voltage on ISET1, VREG(BAT) = 4.2 V,
V(TAPER)
Charge taper detection set voltage
235
250
265
mV
VI(BAT) > V(RCH)
VVCC(min)≥ 4.5 V, tFALL = 100 ns,
10 mV overdrive,
Deglitch time for taper detection
22.5
ms
ICHG increasing above or decreasing below
threshold
TEMPERATURE SENSE COMPARATORS
VHTF
High voltage threshold
2.465
2.500
2.535
V
VLTF
Low voltage threshold
0.485
0.500
0.515
V
ITS
Temperature sense current source
94
100
106
µA
VVCC(min)≥ 4.5 V, R(TMR) = 50 kΩ,
Deglitch time for temperature fault
VI(BAT) increasing or decreasing above and
22.5
ms
detection(12)
below; 100-ns fall time, 10-mv overdrive
BATTERY RECHARGE THRESHOLD
VO(BAT-
VO(BAT-
VO(BAT-
VRCH
Recharge threshold voltage
REG)
REG)
REG)
V
-0.075
-0.100
-0.125
VVCC(min)≥ 4.5 V, R(TMR) = 50 kΩ,
Deglitch time for recharge detec-
VI(BAT) increasing or decreasing below
22.5
ms
tion(12)
threshold, 100-ns fall time, 10-mv over-
drive
STAT1, STAT2. ACPG AND USBPG OUTPUTS
Low-level output saturation volt-
VOL
IOL = 5 mA
0.25
V
age
Input leakage current
1
5
µA
ISET2, CE AND PSEL INPUTS
VIL
Low-level input voltage
0
0.4
V
VIH
High-level input voltage
1.4
(10) With the PSEL= low,the bqTINY-III defaults to USB charging. If USB input is grounded, then thebqTINY-III charges from the AC input at
the USB charge rate. In thisconfiguration the specification is 75 mA (min) and 95 mA (max).
(11) With the PSEL= low,the bqTINY-III defaults to USB charging. If USB input is grounded, then thebqTINY-III charges from the AC input at
the USB charge rate. In thisconfiguration the specification is 375 mA (min) and 475 mA (max).
(12) All deglitch periodsare a function of the timer setting.
5


Similar Part No. - BQ24030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24030 TI-BQ24030 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030IRHLRQ1 TI1-BQ24030IRHLRQ1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030RHLR TI-BQ24030RHLR Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results

Similar Description - BQ24030

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com