Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5345 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5345
Description  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5345 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5345 Datasheet HTML 4Page - Silicon Laboratories SI5345 Datasheet HTML 5Page - Silicon Laboratories SI5345 Datasheet HTML 6Page - Silicon Laboratories SI5345 Datasheet HTML 7Page - Silicon Laboratories SI5345 Datasheet HTML 8Page - Silicon Laboratories SI5345 Datasheet HTML 9Page - Silicon Laboratories SI5345 Datasheet HTML 10Page - Silicon Laboratories SI5345 Datasheet HTML 11Page - Silicon Laboratories SI5345 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
3.6 Digitally Controlled Oscillator (DCO) Mode
The output MultiSynths support a DCO mode where their output frequencies are adjustable in predefined steps defined by frequency
step words (FSW). The frequency adjustments are controlled through the serial interface or by pin control using frequency increment
(FINC) or decrement (FDEC). A FINC will add the frequency step word to the DSPLL output frequency, while a FDEC will decrement it.
Any number of MultiSynths can be updated at once or independently controlled. The DCO mode is available when the DSPLL is operat-
ing in either free-run or locked mode.
OSC
XB
XA
25-54MHz
XTAL
2xCL
2xCL
Crystal Resonator
Connection
OSC
XB
XA
25-54MHz
XO
100
Differential XO
Connection
OSC
XB
XA
25-54MHz
XO
Single-Ended XO
Connection
2xCL
2xCL
2xCL
Si5345/44/42
2xCL
÷ PREF
÷ PREF
÷ PREF
Si5345/44/42
Si5345/44/42
Figure 3.3. Crystal Resonator and External Reference Clock Connection Options
3.7 Inputs (IN0, IN1, IN2, IN3)
There are four inputs that can be used to synchronize the DSPLL. The inputs accept both differential and single-ended clocks. Input
selection can be manual (pin or register controlled) or automatic with user definable priorities.
Si5345/44/42 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Similar Part No. - SI5345

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5345-44-42 SILABS-SI5345-44-42 Datasheet
1Mb / 62P
   10-CHANNEL
logo
Skyworks Solutions Inc.
SI5345-D-EVB SKYWORKS-SI5345-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
logo
Silicon Laboratories
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
More results

Similar Description - SI5345

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com