Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5347B-D-GM Datasheet(PDF) 3 Page - Silicon Laboratories

Part # Si5347B-D-GM
Description  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5347B-D-GM Datasheet(HTML) 3 Page - Silicon Laboratories

  Si5347B-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5347B-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
2. Ordering Guide
Table 2.1. Si5347/46 Ordering Guide
Ordering Part Number
Number Of
DSPLLs
Number of
Outputs
Output Clock
Frequency Range
Package
RoHS-6,
Pb-Free
Temp Range
Si5347A-D-GM1,2
4
8
0.0001 to 712.5 MHz
64-Lead 9x9
QFN
Yes
–40 to 85 °C
Si5347B-D-GM1,2
0.0001 to 350 MHz
Si5347C-D-GM1,2
4
0.0001 to 712.5 MHz
Si5347D-D-GM1,2
0.0001 to 350 MHz
Si5346A-D-GM1,2
2
4
0.0001 to 712.5 MHz
44-Lead 7x7
QFN
Si5346B-D-GM1,2
0.0001 to 350 MHz
Si5347-D-EVB
Evaluation
Board
Si5346-D-EVB
Notes:
1. Add an R at the end of the device part number to denote tape and reel ordering options.
2. Custom, factory pre-programmed devices are available. Ordering part numbers are assigned by the ClockBuilder Pro software.
Part number format is: Si5347A-Dxxxxx-GM or Si5346A-Dxxxxx-GM, where “xxxxx” is a unique numerical sequence representing
the pre-programmed configuration.
Si534fg-Rxxxxx-GM
Timing product family
f = Multi-PLL clock family member (7, 6)
g = Device grade (A, B, C, D)
Product Revision*
Custom ordering part number (OPN) sequence ID**
Package, ambient temperature range (QFN, -40 °C to +85°C)
*See Ordering Guide table for current product revision
** 5 digits; assigned by ClockBuilder Pro
Figure 2.1. Ordering Part Number Fields
Si5347/46 Rev D Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2


Similar Part No. - Si5347B-D-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5347B-D-GM SKYWORKS-SI5347B-D-GM Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Similar Description - Si5347B-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com