Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5342D-D-GM Datasheet(PDF) 3 Page - Silicon Laboratories

Part # Si5342D-D-GM
Description  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5342D-D-GM Datasheet(HTML) 3 Page - Silicon Laboratories

  Si5342D-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5342D-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
2. Ordering Guide
Ordering Part Number
(OPN)
Number of Input/
Output Clocks
Output Clock Frequency
Range (MHz)
Supported Frequency
Synthesis Modes
Package
Temperature
Range
Si5345
Si5345A-D-GM1, 2
4/10
0.001 to 1028 MHz
Integer and
Fractional
64-QFN
9×9 mm
–40 to 85 °C
Si5345B-D-GM1, 2
0.001 to 350 MHz
Si5345C-D-GM1, 2
0.001 to 1028 MHz
Integer Only
Si5345D-D-GM1, 2
0.001 to 350 MHz
Si5344
Si5344A-D-GM1, 2
4/4
0.001 to 1028 MHz
Integer and
Fractional
44-QFN
7×7 mm
–40 to 85 °C
Si5344B-D-GM1, 2
0.001 to 350 MHz
Si5344C-D-GM1, 2
0.001 to 1028 MHz
Integer Only
Si5344D-D-GM1, 2
0.001 to 350 MHz
Si5342
Si5342A-D-GM1, 2
4/2
0.001 to 1028 MHz
Integer and
Fractional
44-QFN
7×7 mm
–40 to 85 °C
Si5342B-D-GM1, 2
0.001 to 350 MHz
Si5342C-D-GM1, 2
0.001 to 1028 MHz
Integer Only
Si5342D-D-GM1, 2
0.001 to 350 MHz
Si5345/44/42-D-EVB
Si5345-D-EVB
Evaluation
Board
Si5344-D-EVB
Si5342-D-EVB
Notes:
1. Add an R at the end of the OPN to denote tape and reel ordering options.
2. Custom, factory preprogrammed devices are available. Ordering part numbers are assigned by Silicon Labs and the ClockBuilder
Pro software utility. Custom part number format is “Si5345A-Dxxxxx-GM” where “xxxxx” is a unique numerical sequence repre-
senting the preprogrammed configuration.
Si5345/44/42 Rev D Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2


Similar Part No. - Si5342D-D-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5342D-D-GM1 SKYWORKS-SI5342D-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Similar Description - Si5342D-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com