Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5346A-D-GM Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si5346A-D-GM
Description  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5346A-D-GM Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si5346A-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 9Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 10Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 11Page - Silicon Laboratories Si5346A-D-GM Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
3.6 Inputs (IN0, IN1, IN2, IN3)
There are four inputs that can be used to synchronize any of the DSPLLs. The inputs accept both differential and single-ended clocks.
A crosspoint between the inputs and the DSPLLs allows any of the inputs to connect to any of the DSPLLs, as shown in the figure
below.
Input
Crosspoint
DSPLL
A
DSPLL
B
DSPLL
C
DSPLL
D
0
1
2
3
0
1
2
3
0
1
2
3
0
1
2
3
Si5347
÷
P0n
P0d
÷
P1n
P1d
÷
P2n
P2d
÷
P3n
P3d
IN0
IN0b
IN1
IN1b
IN2
IN2b
IN3
IN3b
Figure 3.4. DSPLL Input Selection Crosspoint
3.6.1 Input Selection
Input selection for each of the DSPLLs can be made manually through register control or automatically using an internal state machine.
3.6.2 Manual Input Selection
In Manual Mode, the input selection is made by writing to a register. If there is no clock signal on the selected input, the DSPLL will
automatically enter Holdover Mode.
3.6.3 Automatic Input Selection
When configured in this mode, the DSPLL automatically selects a valid input that has the highest configured priority. The priority
scheme is independently configurable for each DSPLL and supports revertive or non-revertive selection.
All inputs are continuously monitored for loss of signal (LOS) and/or invalid frequency range (OOF). Only inputs that do not assert both
the LOS and OOF monitors can be selected for synchronization by the automatic state machine. The DSPLL(s) will enter the Holdover
mode if there are no valid inputs available.
Si5347/46 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 7


Similar Part No. - Si5346A-D-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5346A-D-GM SKYWORKS-SI5346A-D-GM Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Similar Description - Si5346A-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com