Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5344B-D-GM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si5344B-D-GM
Description  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5344B-D-GM Datasheet(HTML) 5 Page - Silicon Laboratories

  Si5344B-D-GM Datasheet HTML 1Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 2Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 3Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 4Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5344B-D-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
3. Functional Description
The Si5345’s internal DSPLL provides jitter attenuation and any-frequency multiplication of the selected input frequency. Fractional in-
put dividers (P) allow the DSPLL to perform hitless switching between input clocks (INx) that are fractionally related. Input switching is
controlled manually or automatically using an internal state machine. The oscillator circuit (OSC) provides a frequency reference which
determines output frequency stability and accuracy while the device is in free-run or holdover mode. The high-performance MultiSynth
dividers (N) generate integer or fractionally related output frequencies for the output stage. A crosspoint switch connects any of the
MultiSynth generated frequencies to any of the outputs. Additional integer division (R) determines the final output frequency.
3.1 Frequency Configuration
The frequency configuration of the DSPLL is programmable through the serial interface and can also be stored in non-volatile memory.
The combination of fractional input dividers (Pn/Pd), fractional frequency multiplication (Mn/Md), fractional output MultiSynth division
(Nn/Nd), and integer output division (Rn) allows the generation of virtually any output frequency on any of the outputs. All divider values
for a specific frequency plan are easily determined using the ClockBuilder Pro utility.
3.2 DSPLL Loop Bandwidth
The DSPLL loop bandwidth determines the amount of input clock jitter attenuation. Register configurable DSPLL loop bandwidth set-
tings in the range of 0.1 Hz to 4 kHz are available for selection. Since the loop bandwidth is controlled digitally, the DSPLL will always
remain stable with less than 0.1 dB of peaking regardless of the loop bandwidth selection.
3.3 Fastlock Feature
Selecting a low DSPLL loop bandwidth (e.g. 0.1 Hz) will generally lengthen the lock acquisition time. The fastlock feature allows setting
a temporary Fastlock Loop Bandwidth that is used during the lock acquisition process. Higher fastlock loop bandwidth settings will ena-
ble the DSPLLs to lock faster. Fastlock Loop Bandwidth settings of in the range of 100 Hz to 4 kHz are available for selection. The
DSPLL will revert to its normal loop bandwidth once lock acquisition has completed.
3.4 Modes of Operation
Once initialization is complete the DSPLL operates in one of four modes: Free-run Mode, Lock Acquisition Mode, Locked Mode, or
Holdover Mode. A state diagram showing the modes of operation is shown in Figure 3.1 Modes of Operation on page 5. The follow-
ing sections describe each of these modes in greater detail.
Si5345/44/42 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 4


Similar Part No. - Si5344B-D-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5344B-D-GM1 SKYWORKS-SI5344B-D-GM1 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Similar Description - Si5344B-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com