Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXA100LGC274TEC0M Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # ELXA100LGC274TEC0M
Description  long life screw terminals ,105?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXA100LGC274TEC0M Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  ELXA100LGC274TEC0M Datasheet HTML 1Page - United Chemi-Con, Inc. ELXA100LGC274TEC0M Datasheet HTML 2Page - United Chemi-Con, Inc. ELXA100LGC274TEC0M Datasheet HTML 3Page - United Chemi-Con, Inc. ELXA100LGC274TEC0M Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
long life screw terminals ,105
LXA
Series
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency Multiplirs
Note : The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with
every 5 to 10
℃ rise. When long life performance is requested in actual use, the rms ripple current has to be reduced. Also, for the
LXA series capacitors (350 to 525Vdc products), using them at operating voltage can extend their lifetime. For details, please contact a
representative of Nippon Chemi-con.
50
0.95
0.90
0.80
0.80
120
1.00
1.00
1.00
1.00
300
1.03
1.06
1.12
1.20
1k
1.05
1.10
1.22
1.50
3k
-
-
-
1.60
50k
1.12
1.22
1.33
-
10k
1.09
1.18
1.30
-
Frequency (Hz)
10 to 50Vdc
63 to 80Vdc
100 to 250Vdc
350 to 525Vdc
297
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXA100LGC274TEC0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXA100LGC274TEC0M CHEMI-CON-ELXA100LGC274TEC0M Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results

Similar Description - ELXA100LGC274TEC0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA501LGC CHEMI-CON-ELXA501LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA630LGB CHEMI-CON-ELXA630LGB Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA201LGB CHEMI-CON-ELXA201LGB Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA250LGC CHEMI-CON-ELXA250LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA251LGB3 CHEMI-CON-ELXA251LGB3 Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA401LGC CHEMI-CON-ELXA401LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA5C1LGC CHEMI-CON-ELXA5C1LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA100LGC CHEMI-CON-ELXA100LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA101LGC CHEMI-CON-ELXA101LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com