Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8281BD-IS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si8281BD-IS
Description  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8281BD-IS Datasheet(HTML) 1 Page - Silicon Laboratories

  Si8281BD-IS Datasheet HTML 1Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 2Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 3Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 4Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 5Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 6Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 7Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 8Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Si8281/82/83/84 Data Sheet
4.0 Amp ISODrivers with Integrated DC-DC Converters
The Si828x family (Si8281/82/83/84) is made up of isolated, high-current gate drivers
with integrated system safety and feedback functions. These devices are ideal for driving
power MOSFETs and IGBTs used in a wide variety of inverter and motor control applica-
tions. The Si828x isolated gate drivers utilize Silicon Labs' proprietary silicon isolation
technology, supporting up to 5.0 kVrms withstand voltage per UL1577. This technology
enables higher-performance, reduced variation with temperature and age, tighter part-to-
part matching, and superior common-mode rejection compared to other isolated gate
driver technologies.
In addition to the gate driver, the Si828x family integrates a dc-dc controller for simple
implementation of an isolated supply for the driver side. The Si828x dc-dc controller can
be ordered in two different configurations depending on what system voltage rails are
available and the amount of power needed. The Si8281 and Si8283 have integrated
power switch but are limited in dc-dc voltage input to the device bias. The Si8282 and
Si8284 utilize and external power switch and are able to accept much higher voltage in-
put power rail. User-adjustable frequency for minimizing emissions, a soft-start function
for safety, and a shut-down option are available options. The device requires only mini-
mal passive components and a miniature transformer.
The input to the device is a complementary digital input that can be utilized in several
configurations. The input side of the isolation also has several control and feedback digi-
tal signals. The controller to the device receives information about the driver side power
state and fault state of the device and recovers the device from fault through an active-
low reset pin.
On the output side, Si828x devices provide separate pull-up and pull-down pins for the
gate. A dedicated DSAT pin detects the desaturation condition and immediately shuts
down the driver in a controlled manner. The Si828x devices also integrate a Miller clamp
to facilitate a strong turn-off of the power switch.
Applications
• IGBT/ MOSFET gate drives
• Industrial, HEV, and renewable energy inverters
• AC, Brushless, and DC motor controls and drives
• Variable-speed motor controllers
• Isolated switch mode and UPS power supplies
Safety Regulatory Approvals (Pending)
• UL 1577 recognized
• Up to 5000 VRMS for 1 minute
• CSA component notice 5A approval
• IEC 60950-1, 61010-1, 60601-1 (reinforced insulation)
• VDE certification conformity
• IEC 60747-5-5/VDE0884 Part 10
• CQC certification approval
• GB4943.1
KEY FEATURES
• 4 A IGBT driver
• System Safety Features
• DESAT detection
• FAULT feedback
• Undervoltage Lock Out (UVLO)
• Soft shutdown on fault condition
• Silicon Labs’ high-performance isolation
technology
• Industry leading noise immunity
• High speed, low latency and skew
• Best reliability available
• 30 V driver-side supply voltage
• Integrated Miller clamp
• Power ready pin
• Complementary driver control input
• Compact packages: 20 and 24-pin wide-
body SOIC
• Integrated DC-DC converter
• Feedback-controlled converter with
dithering for low EMI
• DC-DC converter efficiency of 83%
• Shutdown, frequency, and soft-start
controls
• Industrial temp range: –40 to 125 °C
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.


Similar Part No. - Si8281BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281BD-IS SKYWORKS-SI8281BD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Similar Description - Si8281BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com