Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8281CD-IS Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si8281CD-IS
Description  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8281CD-IS Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si8281CD-IS Datasheet HTML 3Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 4Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 5Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 6Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 7Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 8Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 9Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 10Page - Silicon Laboratories Si8281CD-IS Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
2.12 DC-DC Converter Application Information
The Si828x isolated dc-dc converter is based on a modified fly-back topology and uses an external transformer and rectifying diodes for
low cost and high operating efficiency. The PWM controller operates in closed-loop, current mode control and generates isolated output
voltages with up to 2 W average output power at VDDP = 5.0 V. Voltage feedback is referenced between VDDB-VSSB. Although there
is only one voltage feedback path, two output voltages are realized by the tight coupling of the two secondary transformer windings.
Options are available for 24 Vdc input operation and externally configured switching frequency.
The dc-dc controller modulates a pair of internal, primary-side power switches (see Figure 2.5 Si8281/83 Block Diagram: 3 V–5 V Input
to Split Voltage Output on page 8) to generate an isolated voltage at external diode D1 and D2. Divider resistors, R1 and R2, gener-
ate proper 1.05 V for the VSNS pin. Closed-loop feedback is provided by an internal compensated error amplifier, which compares the
voltage at the VSNS pin to an internal voltage reference. The resulting error voltage is fed back across the isolation barrier via an inter-
nal feedback path to the controller, thus completing the control loop.
For input supply voltages higher than 5 V, an external FET Q2 is modulated by a driver pin ESW as shown in Figure 2.6 Si8282/84
Block Diagram: >5.5 V Input to Split Voltage Output on page 9. A shunt resistor based voltage sense pin, RSN, provides current
sensing capability to the controller.
The Vin must be able to support the Si828x VDDB-VSSD static load current (approximately 9 mA), the output drive load requirement,
and the dc-dc power dissipation (loss). The driver power requirement is dependent on the IGBT gate charge and the driver switching
frequency. Below are the equations to calculate the Vin power requirement.
Pvin =
(9 × 10−3 × (VDDB + VSSB) + Qg × Fsw)
η
where:
Qg = IGBT total gate charge
Fsw = driver switching frequency
ƞ = dc-dc efficiency (approximately 78%)
Additional part number features include an externally-triggered shutdown of the converter functionality using the SH pin and a program-
mable soft start configured by a capacitor connected to the SS pin. The resistor value on pin SH/FC and the capacitor value on pin SS
are used during power-up to set the dc-dc switching frequency. Note that pin SH/FC and SS pins are available on the Si8283 and
Si8284 only. The Si828x can be used with a low-voltage power rail or a high-voltage power rail. These features and configurations are
explained in more detail in other sections.
2.12.1 External Transformer Driver
The dc-dc controller has internal switches (VSW) for driving the transformer with up to a 5.5 V voltage supply. For higher voltages on
the primary side, a driver output (ESW) is provided on the Si8282 and Si8284 that can switch an external NMOS power transistor for
driving the transformer. When this configuration is used, a shunt resistor based voltage sense pin (RSN) provides current sensing to the
controller.
2.12.2 Output Voltage Control
The isolated output voltage, VOUT (VDDB–VSSB), is sensed by a resistor divider that provides feedback to the controller through the
VSNS pin. The voltage error is encoded and transmitted back to the primary side controller across the isolation barrier, which in turn
changes the duty cycle of the transformer driver. The equation for VOUT is as follows:
VOUT = VSNS ×
(1+ R1
R2 )
The VDDB-VSSB voltage split is depended on the ratio of the two secondary windings and can be calculated as follows:
VDDB − VMID = VOUT ×
( S1
S1 × S2 )
VSSB − VMID = VOUT ×
( S2
S1 + S2 )
2.12.3 Compensation
The dc-dc converter operates in current mode control. The loop is compensated by connecting an external resistor in series with a ca-
pacitor from the COMP pin to VSSB. The compensation network, RCOMP, and CCOMP are set to 200 kΩ and 1 nF for most Si828x
applications.
Si8281/82/83/84 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 6


Similar Part No. - Si8281CD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281CD-IS SKYWORKS-SI8281CD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Similar Description - Si8281CD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com