Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8282BD-IS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si8282BD-IS
Description  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8282BD-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si8282BD-IS Datasheet HTML 7Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 8Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 9Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 10Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 11Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 12Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 13Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 14Page - Silicon Laboratories Si8282BD-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
2.13 Transformer Design
The internal switch dc-dc (Si8281, Si8283) and external switch dc-dc (Si8282, Si8284) operate in different topologies and, thus, require
different transformer designs. The table below provides a list of transformers and their parametric characteristics that have been valida-
ted to work with Si828x products. It is recommended that users order the transformers from the vendors per the part numbers given
below.
To manufacture transformers from your preferred suppliers that may not be listed below, please specify to supplier the parametric char-
acteristics as specified in the table below for a given input voltage and isolation rating.
Table 2.2. Si828x Recommended Transformers
Transformer Supplier
Ordering Part #
Input
Voltage
Turns Ratio
Leakage
Inductance
Primary
Inductance
Primary
Resistance
Isolation
Rating
UMEC
www.umec-usa.com
UTB02257s
3.0–5.5 V
1:15:5
125 nH max 1.5 µH ± 5% 0.05 Ω max
5 kV
UTB02241s
4.5–5.5 V
1:9:33.667
100 nH max
2 µH ± 5%
0.05 Ω max
5 kV
UTB02253s
7–24 V
1.2:1.21
200 nH max 25 µH ± 5% 0.225 Ω max
5 kV
Coilcraft
www.coilcraft.com
TA7788-AL
7–24 V
1:1.25:0.75
550 nH max 25 µH ± 5% 0.460 Ω max
5 kV
Si8281/82/83/84 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 10


Similar Part No. - Si8282BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8282BD-IS SKYWORKS-SI8282BD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Similar Description - Si8282BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com