Electronic Components Datasheet Search |
|
TMP320C6205GHK120 Datasheet(PDF) 5 Page - Texas Instruments |
|
TMP320C6205GHK120 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 70 page TMS320C6205 FIXED-POINT DIGITAL SIGNAL PROCESSOR SPRS106E − OCTOBER 1999 − REVISED MARCH 2004 5 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 device characteristics Table 1 provides an overview of the C6205 DSP. The table shows significant features of each device, including the capacity of on-chip RAM, the peripherals, the execution time, and the package type with pin count, etc. Table 1. Characteristics of the C6205 Processor HARDWARE FEATURES C6205 EMIF 1 DMA 4-Channel With Throughput Enhancements Peripherals PCI 1 Peripherals McBSPs 2 32-Bit Timers 2 Internal Program Memory Size (Bytes) 64K Internal Program Memory Organization 1 Block: 64K Bytes Cache/Mapped Program Internal Data Memory Size (Bytes) 64K Internal Data Memory Organization 2 Blocks: Four 16-Bit Banks per Block, 50/50 Split CPU ID+Rev ID Control Status Register (CSR.[31:16]) 0x0003 Frequency MHz 200 Cycle Time ns 5 ns (C6205-200) Core (V) 1.5 Voltage I/O (V) 3.3 Voltage Voltage Tolerance for PCI I/O Pins (V) 5.0 PLL Options CLKIN frequency multiplier Bypass (x1), x4, x6, x7, x8, x9, x10, and x11 BGA Package 16 x 16 mm 288-Pin MicroStar BGA (GHK) Process Technology µm 0.15 µm Product Status Product Preview (PP) Advance Information (AI) Production Data (PD) PD Device Part Numbers (For more details on the C6000 DSP part numbering, see Figure 4) TMX320C6205GHK C6000 is a trademark of Texas Instruments. |
Similar Part No. - TMP320C6205GHK120 |
|
Similar Description - TMP320C6205GHK120 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |