Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELXA451LGC222MDA5M Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXA451LGC222MDA5M
Description  long life screw terminals ,105?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXA451LGC222MDA5M Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXA451LGC222MDA5M Datasheet HTML 1Page - United Chemi-Con, Inc. ELXA451LGC222MDA5M Datasheet HTML 2Page - United Chemi-Con, Inc. ELXA451LGC222MDA5M Datasheet HTML 3Page - United Chemi-Con, Inc. ELXA451LGC222MDA5M Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
long life screw terminals ,105
LXA
Series
・Rated voltage range up to 525Vdc
・Endurance with ripple current : 5,000 hours at 105℃ (2,000 hours for 500Vdc & 525Vdc)
・High reliability products
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
Insulation Resistance
Insulation
Withstanding Voltage
Endurance
Shelf Life
Items
-40 to +105
℃ (10 to 100Vdc) -25 to +105℃ (160 to 525Vdc)
10 to 525Vdc
-10 to +50% (T) (10 to 250Vdc)
±20% (M) (350 to 525Vdc)
I=0.02CV or 5mA, whichever is smaller.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
See STANDARD RATINGS (10 to 250Vdc)
0.20max (350 to 525Vdc)
Capacitance change C(-40
℃)/C(+20℃)≧0.6(10 to 100Vdc) C(-25℃)/C(+20℃)≧0.7(160 to 250Vdc)
C(-25
℃)/C(+20℃)≧0.65(350 to 525Vdc)
When measured between the terminals that are connected to each other and to the mounting clamp on the insulating sleeve covering
the case by using an insulation resistance meter of 500Vdc, the insulation resistance shall not be less than 100M
Ω.
When a voltage of 2,000Vac is applied for 1 minute between the terminals that are connected to each other and to the mounting clamp
on the insulating sleeve covering the case, there shall not be electrical damage.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied
(the peak voltage shall not exceed the rated voltage) for 5,000 hours (2,000 hours for 500 & 525Vdc products)
at 105
℃.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
Capacitance change
±15% of the initial value
D.F. (tanδ)
≦150% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
10 to 250Vdc
350 to 525Vdc
◆DIMENSIONS (Screw-Mount) [mm]
Mounting Clamp Code : B
L+4max.
G
±1
Sleeve (Pb-free PVC : Brown)
Plastic disk
6
A
±1
W
±1
30°
±5°
45°
±5°
8
J
Mounting Clamp Code : C
φD
35
50
63.5
76.2
A
58
78
90
104.5
B
44
64
76
90
W
48
68
80
93.5
H
3.5
4.5
4.5
4.5
F
12.7
22.4
28.0
31.5
50
63.5
76.2
89
E
32.5
38.1
44.5
50.8
K
37.0
43.5
50.0
56.5
J
14.0
14.0
14.0
16.0
F
22.4
28.0
31.5
31.5
φD
φ63.5
φ76.2
φ89
10 to 250Vdc
6
5
5
350 to 525Vdc
6
6
4
G
φD
Vent
<Screw specifcations>
Plus hexagon-headed screw :M5×0.8×10
Maximum screw tightening torque :3.23Nm
* The screw and the mounting clamp are separately supplied and not attached to the product.
360°
3
Terminal Code : LG
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code (ex. M, T)
Capacitance code (ex. 390µF:391, 3,300µF:332)
Mounting clamp code (N, B, C)
Terminal code
Voltage code (ex. 10V:100, 100V:101, 525V:5C1)
Series code
Category
E L X A A A A L G N A A A
A A A M
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (screw-mount terminal type)"
Long life
LXA
KMH P270
294
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - ELXA451LGC222MDA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXA401LGC CHEMI-CON-ELXA401LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA401LGC122MC85M CHEMI-CON-ELXA401LGC122MC85M Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA401LGC123MFK0M CHEMI-CON-ELXA401LGC123MFK0M Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA401LGC182MCA5M CHEMI-CON-ELXA401LGC182MCA5M Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA401LGC183MFT0M CHEMI-CON-ELXA401LGC183MFT0M Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results

Similar Description - ELXA451LGC222MDA5M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA501LGC CHEMI-CON-ELXA501LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA630LGB CHEMI-CON-ELXA630LGB Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA201LGB CHEMI-CON-ELXA201LGB Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA250LGC CHEMI-CON-ELXA250LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA251LGB3 CHEMI-CON-ELXA251LGB3 Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA401LGC CHEMI-CON-ELXA401LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA5C1LGC CHEMI-CON-ELXA5C1LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA100LGC CHEMI-CON-ELXA100LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA101LGC CHEMI-CON-ELXA101LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com